Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LM358AD
Description  Low power dual operational amplifi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM358AD Datasheet(HTML) 5 Page - NXP Semiconductors

  LM358AD Datasheet HTML 1Page - NXP Semiconductors LM358AD Datasheet HTML 2Page - NXP Semiconductors LM358AD Datasheet HTML 3Page - NXP Semiconductors LM358AD Datasheet HTML 4Page - NXP Semiconductors LM358AD Datasheet HTML 5Page - NXP Semiconductors LM358AD Datasheet HTML 6Page - NXP Semiconductors LM358AD Datasheet HTML 7Page - NXP Semiconductors LM358AD Datasheet HTML 8Page - NXP Semiconductors LM358AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
5
DC ELECTRICAL CHARACTERISTICS (continued)
Tamb = 25 °C; V+ = +5 V; unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM358A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VOS
Offset voltage1
RS = 0 Ω
±2
±3
mV
VOS
Offset voltage1
RS = 0 Ω; over temp.
±5
mV
VOS
Drift
RS = 0 Ω; over temp.
7
20
µV/°C
IOS
Offset current
IIN(+) – IIN(–)
5
±30
nA
IOS
Offset current
Over temp.
±75
nA
IOS
Drift
Over temp.
10
300
pA/
°C
I
S
Input current2
IIN(+) or IIN(–)
45
100
nA
IBIAS
Input current2
IIN(+) or IIN(–); Over temp.
40
200
nA
IB
Drift
Over temp.
50
pA/
°C
VC
Common mode voltage range3
V+ = 30 V
0
V+–1.5
V
VCM
Common-mode voltage range3
V+ = 30 V; Over temp.
0
V+–2.0
V
CMRR
Common-mode rejection ratio
V+ = 30 V
65
85
dB
VO
Output voltage swing
RL ≥ 2 kΩ; V+ = 30 V; over temp.
26
V
VOH
Output voltage swing
RL ≥ 10 kΩ; V+ = 30 V; over temp.
27
28
V
VOL
Output voltage swing
RL ≥ 10 kΩ; over temp.
5
20
mV
ICC
Supply current
RL = ∞, V+ = 30 V
0.5
1.0
mA
ICC
Supply current
RL = ∞ on all amplifiers; V+ = 30 V; over temp.
0.6
1.2
mA
A O
Large signal voltage gain
RL ≥ 2 kΩ; VOUT ±10 V
25
100
V/mV
AVOL
Large-signal voltage gain
V+ = 15 V (for large VO swing); over temp.
15
V/mV
PSRR
Supply voltage rejection ratio
RS = 0 Ω
65
100
dB
Amplifier-to-amplifier coupling4
f=1kHz to 20kHz (input referred)
–120
dB
VIN+ = +1 VDC; VIN– = 0 VDC; V+ = 15 VDC
20
40
mA
Output current (Source)
VIN+ = +1 VDC; VIN– = 0 VDC; V+ = 15 VDC;
over temp.
10
20
mA
IOUT
VIN– = +1 VDC,;VIN+ = 0 VDC; V+ = 15 VDC
10
20
mA
Output current (Sink)
VIN– = +1 VDC; VIN+ = 0 VDC;V+ = 15 VDC;
over temp.
5
8
mA
VIN+ = 0 V; VIN– = +1 VDC; VO = 200 mV
12
50
µA
ISC
Short circuit current5
40
60
mA
Differential input voltage6
V+
V
GBW
Unity gain bandwidth
Tamb = 25 °C
1
MHz
SR
Slew rate
Tamb = 25 °C
0.3
V/
µs
VNOISE
Input noise voltage
Tamb = 25 °C; f = 1 kHz
40
nV/
√Hz
NOTES:
1. VO ≈ 1.4 V, RS = 0 Ω with V+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ –1.5 V).
2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of
the output so no loading change exists on the input lines.
3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common-mode voltage range is V+ –1.5 V, but either or both inputs can go to +32 V without damage.
4. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance coupling increases at higher frequencies.
5. Short-circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately
40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15 VDC, continuous short-circuits can exceed the
power dissipation ratings and cause eventual destruction.
6. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common-mode voltage range is V+ –1.5 V, but either or both inputs can go to +32 VDC without damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com