Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE567 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE567
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567 Datasheet(HTML) 1 Page - NXP Semiconductors

  NE567 Datasheet HTML 1Page - NXP Semiconductors NE567 Datasheet HTML 2Page - NXP Semiconductors NE567 Datasheet HTML 3Page - NXP Semiconductors NE567 Datasheet HTML 4Page - NXP Semiconductors NE567 Datasheet HTML 5Page - NXP Semiconductors NE567 Datasheet HTML 6Page - NXP Semiconductors NE567 Datasheet HTML 7Page - NXP Semiconductors NE567 Datasheet HTML 8Page - NXP Semiconductors NE567 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
403
April 15, 1992
853-0124 06456
DESCRIPTION
The NE/SE567 tone and frequency decoder is a highly stable
phase-locked loop with synchronous AM lock detection and power
output circuitry. Its primary function is to drive a load whenever a
sustained frequency within its detection band is present at the
self-biased input. The bandwidth center frequency and output delay
are independently determined by means of four external
components.
FEATURES
• Wide frequency range (.01Hz to 500kHz)
• High stability of center frequency
• Independently controllable bandwidth (up to 14%)
• High out-band signal and noise rejection
• Logic-compatible output with 100mA current sinking capability
• Inherent immunity to false signals
• Frequency adjustment over a 20-to-1 range with an external
resistor
• Military processing available
APPLICATIONS
• Touch-Tone® decoding
• Carrier current remote controls
• Ultrasonic controls (remote TV, etc.)
• Communications paging
PIN CONFIGURATIONS
FE, D, N Packages
F Package
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
14
13
12
11
10
9
OUTPUT FILTER
CAPACITOR C3
LOW-PASS FILTER
CAPACITOR C2
INPUT
SUPPLY VOLTAGE V+
OUTPUT
GROUND
TIMING
ELEMENTS R1
AND C1
TIMING ELEMENT R1
OUTPUT
C3
NC
C2
INPUT
NC
VCC
GND
NC
NC
R1C1
R1
NC
NC
TOP VIEW
TOP VIEW
• Frequency monitoring and control
• Wireless intercom
• Precision oscillator
BLOCK DIAGRAM
®Touch-Tone is a registered trademark of AT&T.
INPUT
V1
PHASE
DETECTOR
CURRENT
CONTROLLED
OSCILLATOR
QUADRATURE
PHASE
DETECTOR
AMP
AMP
LOOP
LOW
PASS
FILTER
3
5
6
7
1
8
2
4
3.9k
+
–
+V
FILTER
C1
R1
R2
R3
RL
VREF
C2
C3 OUTPUT


Similar Part No. - NE567

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
NE56787 ASI-NE56787 Datasheet
30Kb / 1P
NPN SILICON HI FREQUNCY TRANSISTOR
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
Logic Compatible Output with 100 mA Current Sinking Capability
NE567V TI1-NE567V Datasheet
1Mb / 18P
Tone Decoder
More results

Similar Description - NE567

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
List of Unclassifed Man...
ULN-3809A ETC1-ULN-3809A Datasheet
299Kb / 3P
PHASE - LOCKED LOOP STEREO DECODER
logo
New Japan Radio
NJM567 NJRC-NJM567 Datasheet
269Kb / 10P
TONE DECODER / PHASE LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com