Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDR-2X06 Datasheet(PDF) 1 Page - Mimix Broadband

Part # MDR-2X06
Description  Units operate over the full 5.9-6.4 GHz frequency range
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

MDR-2X06 Datasheet(HTML) 1 Page - Mimix Broadband

  MDR-2X06 Datasheet HTML 1Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10-105500-01 - 20W
1006335 - 10W
Rockwell MDR-2X06 TWTA
SSPA Replacement Kits
Features:
Units operate over the full 5.9-6.4 GHz frequency range
5, 10, and 15 Watt output power levels are available
Simple and easy Installation Instructions are included
Standard 5-Year Warranty
1004336 - 15W
Units
Min
Typ
Max
GHz
5.9
-
6.4
dB
-
-14.0
-9.5
ohms
-
50
-
dB
45.0
50.0
-
dB
-
+/-0.5
+/-1.0
dB
-
8.0
10.0
dBm
-
-12.0
+5.0
dBm
+40.0
+41.0
-
dBc
-
52.0
48.0
dBc
-
-
70.0
dBc
-
-
60.0
o
-20
C
-
+70
0.0
%
-
95
0.0
ft
-
16,000
0.0
ft
-
60,000
-21.0
V
-
-56.0
-
A
6.5
7.0
Min
Typ
Max
5.9
-
6.4
-
-14.0
-9.5
-
50
-
45.0
50.0
-
-
+/-0.5
+/-1.0
-
8.0
10.0
-
-12.0
+5.0
+41.0
+42.0
-
-
52.0
48.0
-
-
70.0
-
-
60.0
-20
-
+70
0.0
-
95
0.0
-
16,000
0.0
-
60,000
-21.0
-
-56.0
-
8.5
9.0
Min
Typ
Max
5.9
-
6.4
-
-14.0
-9.5
-
50
-
45.0
50.0
-
-
+/-0.5
+/-1.0
-
8.0
10.0
-
-12.0
+5.0
+42.0
+43.0
-
-
52.0
48.0
-
-
70.0
-
-
60.0
-20
-
+70
0.0
-
95
0.0
-
16,000
0.0
-
60,000
-21.0
-
-56.0
-
9.5
10.0
Parameter
Frequency Range
Input Return Loss
Input/Output Impedance
Gain
Gain Flatness
Noise Figure
Input Power
Output Power (P1dB)
Third Order Intermodulation (1)
Spurious
Harmonics
Base Operating T emperature
Humidity (Non-Condensing)
Altitude (Operating)
Altitude (Storage)
DC Power
DC Current @ +12 Volts
o
Electrical Characteristics (T=25 C)
(1) Units meet intermod specifications using 2, 3, or 4 tones at radio stack outputs of +30 dBm - 10W/+33 dBm - 15W/+35 dBm - 20W.
Mimix Broadband’s SMaRTPAK (Standard Microwave Radio TWT replacement Power Amplifier Kit) amplifiers are
uniquely designed to combine the DC/DC Converter, microwave amplifier and cooling devices into one single
integrated unit. Each unit has been designed using modern device technology and includes reverse polarity,
overvoltage and excess thermal protection. Unlike TWT's and other TWT replacement options, SMaRTPAKs do not
require a separate, bulky and often unreliable power supply.
All units are designed to directly drop-in place of existing TWT or SSPA units with no modifications saving
significant time and effort. Using the proper equipment, unit installations and alignment can typically be done
almost effortlessly in less than an hour. It is recommended that all first time users have a Mimix Broadband
representative present during initial installation. Ask us about our onsite installation and alignment options.
Mimix is confident that you will be pleased with our product and each unit comes with a standard five-year
warranty. If you do not see a part number that covers your desired frequency, power or radio type, feel free to
contact us and we will gladly review your requirements.
Description:
All units accept -21 to -56 VDC input voltage range
Specifications are subject to change without notice. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing
these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. Revision-02-May-02
Mimix Broadband, Inc. 10795 Rockley Rd. Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com


Similar Part No. - MDR-2X06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
MDR-2X04 MIMIX-MDR-2X04 Datasheet
179Kb / 1P
SSPA Replacement Kits
More results

Similar Description - MDR-2X06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Mimix Broadband
MW109E MIMIX-MW109E Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
500A MIMIX-500A Datasheet
183Kb / 1P
Units operate over the full 10.7-11.7 GHz frequency range
500A MIMIX-500A_1 Datasheet
171Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
MDR-4X05 MIMIX-MDR-4X05 Datasheet
179Kb / 1P
Units operate over the full 4.4-5.0 GHz frequency range
775 MIMIX-775 Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
RD4 MIMIX-RD4 Datasheet
179Kb / 1P
Units operate over the full 3.7-4.2 GHz frequency range
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
logo
Transcom, Inc.
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
5.9 - 6.4 GHz 39 dBm Power Module
logo
Excelics Semiconductor,...
EIM5964-4 EXCELICS-EIM5964-4 Datasheet
104Kb / 3P
5.9 - 6.4 GHz Multi-Stage Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com