Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE567F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE567F
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567F Datasheet(HTML) 5 Page - NXP Semiconductors

  NE567F Datasheet HTML 1Page - NXP Semiconductors NE567F Datasheet HTML 2Page - NXP Semiconductors NE567F Datasheet HTML 3Page - NXP Semiconductors NE567F Datasheet HTML 4Page - NXP Semiconductors NE567F Datasheet HTML 5Page - NXP Semiconductors NE567F Datasheet HTML 6Page - NXP Semiconductors NE567F Datasheet HTML 7Page - NXP Semiconductors NE567F Datasheet HTML 8Page - NXP Semiconductors NE567F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
407
TYPICAL PERFORMANCE CHARACTERISTICS
Bandwidth vs Input
Signal Amplitude
Largest Detection bandwidth
vs Operating Frequency
Detection bandwidth as a
Function of C2 and C3
Typical Supply Current vs
Supply Voltage
Greatest Number of Cycles
Before Output
Typical Output Voltage vs
Temperature
Typical Frequency Drift
With Temperature
(Mean and SD)
Typical Frequency Drift
With Temperature
(Mean and SD)
Typical Frequency Drift
With Temperature
(Mean and SD)
300
250
200
150
100
50
0
0
2
4
6
8
10
12
14
16
BANDWIDTH — % OF fO
CENTER FREQUENCY — kHz
15
10
5
0
0.1
1
10
100
1000
BANDWIDTH — % OF fO
0
2
4
6
8
10
12
14
16
106
C3
C2
105
104
103
25
20
15
10
5
0
4
5
6
7
8
9
10
SUPPLY VOLTAGE — V
QUIESCENT
CURRENT
NO LOAD
“ON” CURRENT
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–75
–25
0
25
75
125
TEMPERATURE —
°C
TEMPERATURE —
°C
TEMPERATURE —
°C
+V = 4.75V
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–75
–25
0
25
75
125
+V = 5.75V
5.5
2.5
0
–2.5
–5.0
–7.5
–10
–75
–25
0
25
75
125
(2)
(1)
+V = 7.0V (1)
+V = 9.0V (2)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–75
–25
0
25
75
125
TEMPERATURE —
°C
IL = 100mA
IL = 30mA
1000
500
300
100
50
30
10
BANDWIDTH — % OF fO
1
5
10
50
100
BANDWIDTH LIMITED BY
EXTERNAL RESISTOR
(MINIMUM C2)
BANDWIDTH
LIMITED BY (C2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com