Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CC30AXSPQ Datasheet(PDF) 2 Page - Marathon Special Products

Part # 6CC30AXSPQ
Description  REV-D 02/19/2019
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

6CC30AXSPQ Datasheet(HTML) 2 Page - Marathon Special Products

  6CC30AXSPQ Datasheet HTML 1Page - Marathon Special Products 6CC30AXSPQ Datasheet HTML 2Page - Marathon Special Products 6CC30AXSPQ Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0375 REV-D 02/19/2019
Product Data Sheet
Termination Specifications
Line and Load
Side
Wire Size (CU Stranded)
Torque
Wires/ Terminal
Wire Class (UL)
#10 - #18
25 in. lbs (2.8 N-m)
1
Solid Cu, B, C
• Wire Strip length - 7/16”
Installation & Accesorries
• Mounting (Panel):
- For use with #8 fastener,
- Mounting torque to be determined in end use
application. Not to exceed 15 lbf-in (1.7 N-M)
• Fuse Information
- Fuses are not supplied by MSP
- Holds fuse size 13/32” diameter x 1 1/2”
- Although any 30A Class-CC fuse can be used, commonly used Class-CC fuses are as follows, but not limited to:
ATDR, ATMR, ATQR, CCMR, FRQ-R, KLDR, KLKR, KTK-R, LP-CC
- Life cycle status of these noted fuses has not been reviewed
• Cover:
- Cover: CC630. Glass-filled polycarbonate (thermoplastic). 125°C (UL RTI), Flammability rating UL 94 V-0, UL Listed File
No. JDVS2.181825.
- Cover Puller: CVR-MCC
- DIN Rail Adapter: Din R-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com