Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE592D8 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE592D8
Description  Video amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE592D8 Datasheet(HTML) 8 Page - NXP Semiconductors

  NE592D8 Datasheet HTML 1Page - NXP Semiconductors NE592D8 Datasheet HTML 2Page - NXP Semiconductors NE592D8 Datasheet HTML 3Page - NXP Semiconductors NE592D8 Datasheet HTML 4Page - NXP Semiconductors NE592D8 Datasheet HTML 5Page - NXP Semiconductors NE592D8 Datasheet HTML 6Page - NXP Semiconductors NE592D8 Datasheet HTML 7Page - NXP Semiconductors NE592D8 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Philips Semiconductors RF Communications Products
Product specification
NE592
Video amplifier
April 15, 1992
257
TYPICAL APPLICATIONS
NOTE:
Basic Configuration
Disc/Tape Phase-Modulated Readback Systems
Differentiation with High
Common-Mode Noise Rejection
NOTE:
For frequency F1 << 1/2 π (32) C
V
O ]
1.4 x 104C
dVi
dT
Z
V1
2re
+6
V0
7
5
4
1
14
11
10
-6
592
READ HEAD
DIFFERENTIATOR/AMPLIFIER
ZERO CROSSING DETECTOR
+5
9
4
8
529
7
5
Q
Q
6
3
2
1
10
+6
14
11
10
8
7
5
4
1
-6
AMPLITUDE:
1-10 mV p-p
FREQUENCY: 1-4 MHz
592
0.2
µF
+6
0.2
µF
2K
Ω
2K
Ω
V0
V1
C
14
1
11
4
10
5
7
8
-6
592
V
0
(s)
v
1
(s)
[
1.4
@ 104
Z(S)
) 2re
[
1.4
@ 104
Z(S)
) 32
FILTER NETWORKS
NOTES:
In the networks above, the R value used is assumed to include 2re, or approximately 32Ω.
S = j
ω
ω = 2πf
1.4
104
L
1
s
) R L
1.4
104
R
s
s
) 1 RC
1.4
104
L
s
s2
) R Ls ) 1 LC
1.4
104
R
s2
) 1 LC
s2
) 1 LC ) s RC
Z NETWORK
FILTER
TYPE
V0 (s) TRANSFER
V1 (s) FUNCTION
LOW PASS
HIGH PASS
BAND PASS
BAND REJECT
R
L
R
C
R
L
C
R
L
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com