Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIM/BNC-50-1 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CIM/BNC-50-1
Description  DIN Rail mounting BNC coupler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CIM/BNC-50-1 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CIM/BNC-50-1 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
158
INTERFACE
MODULES AND
RELAY BASES
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
160
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
INTERFACE MODULES & RELAY BA SES
RELAY BA SES
INTERFACE MODULES
FM 28614
DIN Rail mounting BNC c oupler
Pr oduct o v ervie w
• BNC jack to jack interface
• Avaliable in 50Ω or 75Ω
• 35mm DIN Rail mounting
• Gold plated brass contact
• 50Ω used in controls &
instrumentation
• 75Ω used in audio visual and
broadcasting
• Optional wall mounting plates
available
• RoHS compliant
PART NO.
DESCRIPTION
Voltage rating
500V
Frequency range 50Ω
DC to 4GHz
Frequencey range 75Ω
DC to 1GHz
Jack material
Nickel plated brass
Contact material
Gold plated brass
VSWR
1.3 max
CIME/BNC
22.5
82.3
77.1
32.5
PART NO.
NO. OF FEET
CIM/BNC-50-1
BNC jack to BNC jack coupler, 50Ω
impedance
CIM/BNC-75-1
BNC jack to BNC jack coupler, 75Ω
impedance
A S SOCIATED PRODUCT S
CIME/M/MPR
- Wall mount pla t es
page 168


Similar Part No. - CIM/BNC-50-1

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CIM/101416W-IDCS CAMDENBOSS-CIM/101416W-IDCS Datasheet
262Kb / 1P
Multiple IDC interface modules
CIM/12W-DIOCA CAMDENBOSS-CIM/12W-DIOCA Datasheet
380Kb / 1P
Diode module and component modules
CIM/12W-DIOCC CAMDENBOSS-CIM/12W-DIOCC Datasheet
380Kb / 1P
Diode module and component modules
CIM/15W-DMFS CAMDENBOSS-CIM/15W-DMFS Datasheet
262Kb / 1P
Multiple IDC interface modules
CIM/16W-DIOCA CAMDENBOSS-CIM/16W-DIOCA Datasheet
380Kb / 1P
Diode module and component modules
More results

Similar Description - CIM/BNC-50-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP OMRON-PFP Datasheet
51Kb / 2P
DIN Rail Mounting Track
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
76000977 ETC2-76000977 Datasheet
120Kb / 1P
Mounting Bracket ??DIN Rail
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
TRACO Electronic AG
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK1 TRACOPOWER-TMDC-MK1 Datasheet
310Kb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK2 TRACOPOWER-TMDC-MK2 Datasheet
384Kb / 2P
DIN-Rail Mounting Clip
Rev. November 30, 2022
TMPW-MK1 TRACOPOWER-TMPW-MK1 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com