Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCT2S1 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CCT2S1
Description  Push-pull connecto r s female cable mount CCT series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCT2S1 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CCT2S1 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
149
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
CIRCULAR C ONNECT ORS
158
INTERFACE
MODULES AND
RELAY BASES
PL UGS
SOCKET S
AC CES SORIES
FM 28614
P ush-pull c onnect ors f emale
cable mount C CT series
C CT2S1/ 05
5 pole
• Premium range of circular connectors
• IP68 sealed using vacuum technology
(when connected and using
environmental cable clamp)
• Tough, high performance interconnection
solution
• Ideal for harsh and extreme environments
• Suitable for broadcasting, autosport,
military, rail, security and industrial
applications
• Key coded to prevent misconnection
• Will not disconnect when the cable is
under load or stress
• Cable mounting
• Tested to IEC 60512-3-5a
• Cable clamp required for use with this
series
SPECIFICATION
Shell style/model
Free cable mount socket
connector, female contact
Codes
Code 1
Contact type
Solder type
Contact diameter
0.9mm
Max. stranded conductor
AWG 21-22
Max diameter
0.79mm
Vtest (contact-shell)
1100V(AC)
1900V(DC)
Vtest (contact-contact)
1400V(AC)
2200V(DC)
Rated current
6.8A
Rated voltage
≤250V
Mechanical operation
5000 mating cycles
Housing material
Brass (natural chrome
plated) shell and collet nut,
nickel plated brass latch
sleeve and mid pieces
Insulator
PPS
Contacts
Brass
(gold plated)
Humidity (max)
<=95% [at 60°C /140°F]
Vibration
15g [10 Hz - 2000 Hz]
Shock resistance
100g [6 ms]
Salt spray corrosion
>72 hr
Climatical category
50/175/21
Shielding (min)
75 dB (10 MHz)
Shielding (min)
40 dB (1 GHz)
IP rating
IP68 (when connected
and using
environmental cable clamp)
CCT2S1/05
PART NO.
DESCRIPTION
POLES
SERIES
CCT2S1/05
Female cable
mount
5
CCT series
KEY FEATURES
K e y c oded | Cable mounting sock et | Cable clamps r equir ed
A S SOCIATED PRODUCT S
C CA2P1/A05
- C CA Series A2 siz e plug
page 109
~35
7
7
1
AC CES SORIES
Metal and rubber caps f or sock ets
PART NO.
DESCRIPTION
CCT21
Camcirc metal cap for sockets A2
PART NO.
DESCRIPTION
CCT22
Camcirc rubber cap for sockets A2
T his pr oduct should be
used with the f ollo wing
cable clamps:
Non IP68 cable clamps also available
PART NO.
WIRE RANGE
CCV2C/CE
3.7 - 4.2mm
CCV2C/CG
4.2 - 4.7mm
CCV2C/CH
4.7 - 5.2mm
CCV2C/CI
5.2 - 5.7mm
CCV2C/CJ
5.7 - 6.2mm


Similar Part No. - CCT2S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCT20L-04 ETC2-CCT20L-04 Datasheet
644Kb / 2P
Triac Die Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
Cynergy3 Co
CCT20L-04 CYNERGY3-CCT20L-04 Datasheet
644Kb / 2P
Triac Die Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
List of Unclassifed Man...
CCT20L-08 ETC2-CCT20L-08 Datasheet
644Kb / 2P
Triac Die Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
Cynergy3 Co
CCT20L-08 CYNERGY3-CCT20L-08 Datasheet
644Kb / 2P
Triac Die Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
CamdenBoss Ltd.
CCT21 CAMDENBOSS-CCT21 Datasheet
159Kb / 1P
Camcirc metal and rubber caps
More results

Similar Description - CCT2S1

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CCB1S1 CAMDENBOSS-CCB1S1 Datasheet
287Kb / 1P
Push-pull connecto r s female f i xed socket CCB series
CCB2S1 CAMDENBOSS-CCB2S1 Datasheet
276Kb / 1P
Push-pull connecto r s female f i xed socket CCB series
CCB3S1 CAMDENBOSS-CCB3S1 Datasheet
289Kb / 1P
Push-pull connecto r s female f i xed socket CCB series
CCD2S1 CAMDENBOSS-CCD2S1 Datasheet
270Kb / 1P
Push-pull connecto r s female f i xed socket CCD series
CCE1S1 CAMDENBOSS-CCE1S1 Datasheet
269Kb / 1P
Push-pull connecto r s female f i xed socket CCE series
CCL2S1 CAMDENBOSS-CCL2S1 Datasheet
266Kb / 1P
Push-pull connecto r s female f i xed socket CCL series
CCM2S1 CAMDENBOSS-CCM2S1 Datasheet
288Kb / 1P
Push-pull connecto r s female f i xed socket CCM series
CCM3S1 CAMDENBOSS-CCM3S1 Datasheet
284Kb / 1P
Push-pull connecto r s female f i xed socket CCM series
CCS1S1 CAMDENBOSS-CCS1S1 Datasheet
296Kb / 1P
Push-pull connecto r s female cable mount series
CCT1S1 CAMDENBOSS-CCT1S1 Datasheet
304Kb / 1P
Push-pull connecto r s female cable mount CCT series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com