Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTBP45VDA Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSTBP45VDA
Description  3.5mm 45° screwless terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSTBP45VDA Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSTBP45VDA Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
86
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
S TANDARD
PL UGGABLES
SCREWLES S
PCB TERMINAL
BLOCKS
0 02
3.5mm 45° scr e wles s t erminal
blocks
Pr oduct o v ervie w
• Interlocking modules
• Easily breakable to desired number of poles
• 45° cable entry
• Kinked pins for soldering retention
• Guided pin alignment
• Offset pinout allows greater voltage clearance
• Choice of 2 pin positions
• Moulded in green UL94-V0 PA66
• 0.34-0.75mm2 cable (22-18AWG)
• C
US
approved
SPECIFICATION
Rating
10A/300V
Insulation withstand voltage
AC2000V/1 min
Insulation resistance
500MΩ at DC500V
Operating temperature
-40°C to +105°C
Moulding
UL94-V0 PA66
Pin/contact
Tin plated phosphor bronze
Recommended PCB hole size
1.2mm
CSTBP45VDA
PART NO.
POLES
LENG TH
CSTBP45VDA/2
2
8.6mm
CSTBP45VDA/3
3
12.1mm
CSTBP45VDA/4
4
15.6mm
CSTBP45VDA/5
5
19.1mm
CSTBP45VDA/6
6
22.6mm
CSTBP45VDA/7
7
26.1mm
CSTBP45VDA/8
8
29.6mm
CSTBP45VDA/9
9
33.1mm
CSTBP45VDA/10
10
36.6mm
CSTBP45VDA/11
11
40.1mm
CSTBP45VDA/12
12
43.6mm
CSTBP45VDB
PART NO.
POLES
LENG TH
CSTBP45VDB/2
2
8.6mm
CSTBP45VDB/3
3
12.1mm
CSTBP45VDB/4
4
15.6mm
CSTBP45VDB/5
5
19.1mm
CSTBP45VDB/6
6
22.6mm
CSTBP45VDB/7
7
26.1mm
CSTBP45VDB/8
8
29.6mm
CSTBP45VDB/9
9
33.1mm
CSTBP45VDB/10
10
36.6mm
CSTBP45VDB/11
11
40.1mm
CSTBP45VDB/12
12
43.6mm
NO.1
TYPE A
3.5
1.75
0.8
3.4
1.6
4.8
5.00
0.40
N*3.5+1.6
3.5
1.75
0.8
3.4
1.6
N*3.5+1.6
4.8
5.00
0.40
NO.1
TYPE B
KEY FEATURES
Dual r o w pins | Tw o types of pin la y out | 45 degr ee modular design
Vers 2


Similar Part No. - CSTBP45VDA

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP45VDA/10 CAMDENBOSS-CSTBP45VDA/10 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDA/11 CAMDENBOSS-CSTBP45VDA/11 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDA/12 CAMDENBOSS-CSTBP45VDA/12 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDA/2 CAMDENBOSS-CSTBP45VDA/2 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDA/3 CAMDENBOSS-CSTBP45VDA/3 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
More results

Similar Description - CSTBP45VDA

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP92HD CAMDENBOSS-CSTBP92HD Datasheet
304Kb / 1P
3.5mm pitch pluggable screwless terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com