Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTBP92HC Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSTBP92HC
Description  2.5mm pitch pluggable screwless terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSTBP92HC Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSTBP92HC Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
S TANDARD
PL UGGABLES
SCREWLES S
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
2.5mm pit ch pluggable scr e wles s
t erminal blocks
Pr oduct o v ervie w
• 2-12 pole solid block
• Screwless connectivity
• Moulded in green UL94-V0, flame retardant PA66
• Cable acceptance - 0.12mm2 - 0.5mm2 (26-20AWG)
• Pluggable male and female connectors
• Polarised mouldings
• C
US approved
SPECIFICATION
Rating
UL=4A/150V, IEC=5A/250V
Insulation resistance
500MΩ/500V
Withstand voltage
AC1250V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0, flame retardant PA66
Spring
Stainless steel
Contact
Bronze, Ni plated
PART NO.
POLES
LENG TH
CSTBP92HC/2
2
5.6mm
CSTBP92HC/3
3
8.1mm
CSTBP92HC/4
4
10.6mm
CSTBP92HC/5
5
13.1mm
CSTBP92HC/6
6
15.6mm
CSTBP92HC/7
7
18.1mm
CSTBP92HC/8
8
20.6mm
CSTBP92HC/9
9
23.1mm
CSTBP92HC/10
10
25.6mm
CSTBP92HC/11
11
28.1mm
CSTBP92HC/12
12
30.6mm
CTBP93VC
CTBP93HC
PART NO.
POLES
LENG TH
CTBP93HC/2
2
6.9mm
CTBP93HC/3
3
9.4mm
CTBP93HC/4
4
11.9mm
CTBP93HC/5
5
14.4mm
CTBP93HC/6
6
16.9mm
CTBP93HC/7
7
19.4mm
CTBP93HC/8
8
21.9mm
CTBP93HC/9
9
24.4mm
CTBP93HC/10
10
26.9mm
CTBP93HC/11
11
29.4mm
CTBP93HC/12
12
31.9mm
CSTBP92HC
PART NO.
POLES
LENG TH
CTBP93VC/2
2
6.9mm
CTBP93VC/3
3
9.4mm
CTBP93VC/4
4
11.9mm
CTBP93VC/5
5
14.4mm
CTBP93VC/6
6
16.9mm
CTBP93VC/7
7
19.4mm
CTBP93VC/8
8
21.9mm
CTBP93VC/9
9
24.4mm
CTBP93VC/10
10
26.9mm
CTBP93VC/11
11
29.4mm
CTBP93VC/12
12
31.9mm
F emale c onnect or
Male header v ertical c onnect or
Male header horiz ontal c onnect or
Recommended PCB hole size 1.4mm
2.50
0.80
8.10
3.90
3.9
11.75
ᴓ1.6
1.4
L
0.80
10.10
0.30
8.90
2.50
2.5(XX-1)+4.40
A
Section A-A
2.5(XX-1)
2.50
2.5(XX-1)
Vers 2


Similar Part No. - CSTBP92HC

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
592Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
618Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/11 CAMDENBOSS-CSTBP92HC/11 Datasheet
592Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/11 CAMDENBOSS-CSTBP92HC/11 Datasheet
618Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/12 CAMDENBOSS-CSTBP92HC/12 Datasheet
592Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
More results

Similar Description - CSTBP92HC

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP9208 CAMDENBOSS-CSTBP9208 Datasheet
462Kb / 1P
5 .08mm pitch pluggable screwless terminal blocks
CSTBP92HD CAMDENBOSS-CSTBP92HD Datasheet
304Kb / 1P
3.5mm pitch pluggable screwless terminal blocks
CTBP93HC CAMDENBOSS-CTBP93HC Datasheet
592Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CTBP93VC CAMDENBOSS-CTBP93VC Datasheet
618Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com