Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTBP97VJ/11 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTBP97VJ/11
Description  5 .08mm inve r ted/reve r s e terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP97VJ/11 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTBP97VJ/11 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP97VJ/11 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
73
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
CTBP97VJ FL
PART NO.
POLES
LENG TH
CTBP97HJ /2
2
12.2mm
CTBP97HJ /3
3
17.2mm
CTBP97HJ /4
4
22.3mm
CTBP97HJ /5
5
27.4mm
CTBP97HJ /6
6
32.5mm
CTBP97HJ /7
7
37.6mm
CTBP97HJ /8
8
42.6mm
CTBP97HJ /9
9
47.7mm
CTBP97HJ /10
10
52.8mm
CTBP97HJ /11
11
57.9mm
CTBP97HJ /12
12
63.0mm
CTBP97HJ FL
CTBP97HJ
10.2
5.08
10.2
5.08
5.08
5.08
A
B
PART NO.
POLES
LENG TH
A
LENG TH
B
CTBP97HJ/2FL
2
10.2mm
20.32mm
CTBP97HJ/3FL
3
15.2mm
25.4mm
CTBP97HJ/4FL
4
20.3mm
30.48mm
CTBP97HJ/5FL
5
25.4mm
35.56mm
CTBP97HJ/6FL
6
30.5mm
40.64mm
CTBP97HJ/7FL
7
35.6mm
45.72mm
CTBP97HJ/8FL
8
40.6mm
50.8mm
CTBP97HJ/9FL
9
45.7mm
55.88mm
CTBP97HJ/10FL
10
50.8mm
60.96mm
CTBP97HJ/11FL
11
55.9mm
66.04mm
CTBP97HJ/12FL
12
61.0mm
71.12mm
PART NO.
POLES
LENG TH
A
LENG TH
B
CTBP97VJ/2FL
2
10.2mm
20.32mm
CTBP97VJ/3FL
3
15.2mm
25.4mm
CTBP97VJ/4FL
4
20.3mm
30.48mm
CTBP97VJ/5FL
5
25.4mm
35.56mm
CTBP97VJ/6FL
6
30.5mm
40.64mm
CTBP97VJ/7FL
7
35.6mm
45.72mm
CTBP97VJ/8FL
8
40.6mm
50.8mm
CTBP97VJ/9FL
9
45.7mm
55.88mm
CTBP97VJ/10FL
10
50.8mm
60.96mm
CTBP97VJ/11FL
11
55.9mm
66.04mm
CTBP97VJ/12FL
12
61.0mm
71.12mm
PCB mounting f emale v ertical c onnect or (flanged)
PCB mounting f emale horiz ontal c onnect or
PCB mounting f emale horiz ontal c onnect or (flanged)
5.08
5.08
5.08
10.2
4
5.08
1.36
A
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com