Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2126CS Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation EL2126CS Datasheet HTML 10Page - Intersil Corporation EL2126CS Datasheet HTML 11Page - Intersil Corporation EL2126CS Datasheet HTML 12Page - Intersil Corporation EL2126CS Datasheet HTML 13Page - Intersil Corporation EL2126CS Datasheet HTML 14Page - Intersil Corporation EL2126CS Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN7046.3
April 16, 2007
Typical Performance Curves (Continued)
Closed Loop Output Impedance vs Frequency
100
10
1
0.1
0.01
10k
1M
100M
Frequency (Hz)
Bandwidth and Peaking vs Temperature
120
100
60
40
20
0
-40
40
160
Temperature
100k
10M
VS=±5V
VS=±5V
80
80
0120
3.5
3
2.5
2
1.5
1
0.5
0
-0.5
Slew Rate vs Swing
220
180
140
100
60
-1
VOUT Swing (VPP)
37
11
15
5VSR+
5VSR-
15VSR+
15VSR-
159
13
200
160
120
80
Bandwidth
Peaking
1
-2
0
-1
4.8
5.2
5.1
5
4.9
Supply Current vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±5V
VS=±15V
Offset Voltage vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±5V
VS=±15V
CMRR vs Temperature
-50
0
100
150
50
Die Temperature (°C)
120
110
100
90
80
VS=±5V
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com