Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE20 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CE20
Description  50mm wide IP65 limit switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CE20 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CE20 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
LIMIT S WIT CHES
196
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
50mm wide IP65 limit s wit ches
Pr oduct o v ervie w
• 50mm width
• Double insulated plastic
• Rated to IP65
• Snap action contacts
• C
US
,
approved
SPECIFICATION
Rating
500V
Shock withstand
50g
Impulse withstand voltage
6kV
Working temperture
-25°C to +70°C
Switching frequency
3600 cycles/h
Load factor
0.5
Short circuit protection
10A gG fuse
CE 20
IP65 PLASTIC CASING
PLUNGER TYPE
MAX ACTUATION SPEED
ACTUATION / NC OPERATION
CE20.00.AP
Steel plunger
0.5ms-1
15N/30N
CE20.00.BP
Steel roller plunger
0.3ms-1
12N/30N
CE20.00.FP
Adjustable nylon roller lever
1.5ms-1
0.10Nm/0.32Nm
CE20.00.HLTP
Nylon actuator with stainless steel spring
1.5ms-1
0.10Nm/-
CE20.00.TP
Pull action with ring
0.5ms-1
0.30Nm/-
CE20.00.EP
Nylon roller lever
1.5ms-1
0.10Nm/0.32Nm
CE20.00.HP
Adjustable stainless steel rod lever
1.5ms-1
0.15Nm/-0/30Nm
CE20.00.IP
Nylon roller lever
1.5ms-1
0.10Nm/0.32Nm
CE20.00.FRP/50
Adjustable lever with adjustable rubber roller
1.5ms-1
0.10Nm/0.32Nm
CE20.00.CP
Plastic roller
1.0ms-1
7N/24N
CE20.00.DP
Plastic roller on metal plunger
1.0ms-1
7N/24N
CE20.00.EP/50
Rubber roller lever
1.5ms-1
0.10Nm/0.32Nm
Steel plunger
Steel roller plunger
Adjustable nylon roller lever
Nylon actuator with stainless steel spring
Pull action with ring
Nylon roller lever
Adjustable stainless steel rod
lever
Nylon roller lever
Adjustable lever with adjustable rubber
roller
Plastic roller
Plastic roller on metal plunger
Rubber roller lever
Ø8
12.5
Ø11
30Y
12.5
3.5
Ø18
45.5
41
34
5.5
42
39.5
44
Ø7
8
Ø24
12.5
Ø18
45
40
36
15
5.5
5.5
Ø3
36
42
Ø18
36
48.8
15.5
5.5
59..78
51..70
9
Ø50
42
30Y
12.5 5
17...23 29..35
12.5 6
Ø50
9
36
43.5


Similar Part No. - CE20

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE20.00.S5P CAMDENBOSS-CE20.00.S5P Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE20.00.SCP CAMDENBOSS-CE20.00.SCP Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE20.00.TB CAMDENBOSS-CE20.00.TB Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE20.01.S5P CAMDENBOSS-CE20.01.S5P Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE20.01.SCP CAMDENBOSS-CE20.01.SCP Datasheet
376Kb / 2P
Safe t y l i m i t switches
More results

Similar Description - CE20

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
NEMA Limit Switches
Feb 12, 2023
logo
CamdenBoss Ltd.
CE21 CAMDENBOSS-CE21 Datasheet
663Kb / 1P
50mm wide IP66 limit switches
CE31 CAMDENBOSS-CE31 Datasheet
695Kb / 1P
60mm wide limit switches
CE41 CAMDENBOSS-CE41 Datasheet
591Kb / 1P
40mm wide limit switches
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
30mm wide pre-wired limit switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com