Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE31 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CE31
Description  60mm wide limit switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CE31 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CE31 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
LIMIT S WIT CHES
198
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
60mm wide limit s wit ches
Pr oduct o v ervie w
• 60mm width
• Metal casing
• Rated to IP66
• Snap action contacts
• C
US
,
approved
SPECIFICATION
Rating
500V
Shock withstand
50g
Impulse withstand voltage
6kV
Working temperture
-25°C to +70°C
Switching frequency
3600 cycles/h
Load factor
0.5
Short circuit protection
10A gG fuse
CE 31
IP66 METAL CASING
PLUNGER TYPE
MAX ACTUATION SPEED
ACTUATION / NC OPERATION
CE31.00.AM
Plain punger
0.5ms-1
30N/45N
CE31.00.BM
Steel roller plunger
0.5ms-1
22N/40N
CE31.00.CM
Side roller lever
1.5ms-1
12N/30N
CE31.00.HM
Adjustable rod lever
1.5ms-1
0.15Nm/0.30Nm
CE31.00.GM
Adjustable rod lever
1.5ms-1
0.15Nm/0.30Nm
CE31.00.EM
Nylon roller lever
1.5ms-1
0.15Nm/0.30Nm
CE31.00.EM/50
Rubber roller lever
1.5ms-1
0.15Nm/0.30Nm
CE31.00.FM
Adjustable roller lever
1.5ms-1
0.15Nm/0/30Nm
CE31.00.FM/50
Adjustable roller lever
1.5ms-1
0.15Nm/0.32Nm
CE31.00.LBM/90
Stainless steel lateral plunger with vertical roller
1.5ms-1
30N/50N
CE31.00.LAM
Stainless steel lateral plain plunger
0.5ms-1
30N/50N
CE31.00.LM
Stainless steel spring multidirectional actuator
1.0ms-1
0.18N/-
Plain plunger
Steel roller plunger
Adjustable rod lever
Nylon roller lever
Rubber roller lever
Adjustable roller lever
Adjustable roller lever
Side roller lever
Stainless steel lateral plunger
with vertical roller
Stainless steel lateral plain plunger
Stainless steel spring
multidirectional actuator
Adjustable rod lever
Ø7
16
Ø10
52
36
Ø12
5
63.3
47.3
62.5
55
Ø50
43
9
60
Ø22
Ø50
Ø22
Ø6
Ø10
Ø12
Ø3
58
53
45
6
58.5
66
60
60
60
9
7
48.5
60
6
41
56
61.5
7
6
16
34
30Y
5
10
16
30Y
16
60
48.5


Similar Part No. - CE31

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE31.00.S5M CAMDENBOSS-CE31.00.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE31.00.SCM CAMDENBOSS-CE31.00.SCM Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE31.01.S5M CAMDENBOSS-CE31.01.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE31.02.S5M CAMDENBOSS-CE31.02.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE31.02.SCM CAMDENBOSS-CE31.02.SCM Datasheet
376Kb / 2P
Safe t y l i m i t switches
More results

Similar Description - CE31

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
NEMA Limit Switches
Feb 12, 2023
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE21 CAMDENBOSS-CE21 Datasheet
663Kb / 1P
50mm wide IP66 limit switches
CE41 CAMDENBOSS-CE41 Datasheet
591Kb / 1P
40mm wide limit switches
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
30mm wide pre-wired limit switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com