Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM5721 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # OM5721
Description  STB5660 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5721 Datasheet(HTML) 3 Page - NXP Semiconductors

  OM5721 Datasheet HTML 1Page - NXP Semiconductors OM5721 Datasheet HTML 2Page - NXP Semiconductors OM5721 Datasheet HTML 3Page - NXP Semiconductors OM5721 Datasheet HTML 4Page - NXP Semiconductors OM5721 Datasheet HTML 5Page - NXP Semiconductors OM5721 Datasheet HTML 6Page - NXP Semiconductors OM5721 Datasheet HTML 7Page - NXP Semiconductors OM5721 Datasheet HTML 8Page - NXP Semiconductors OM5721 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 May 05
3
Philips Semiconductors
Product specification
STB5660 (Set-Top Box) STB concept
OM5721
1
FEATURES
1.1
SAA7214 features
1.1.1
GENERAL SAA7214 FEATURES
• Internal PR3001 32-bit RISC processor running at
40.5 MHz
• Comprehensive driver software and development tool
support
• A JTAG interface for board test support
• 1-kbyte data and 4-kbyte instruction caches
(write-through style).
1.1.2
MPEG2 SYSTEMS FEATURES
• Parsing of Transport Stream (TS), Philips
Semiconductors hardware and proprietary software
data streams. Maximum input rate is 108 Mbits/s.
• A Digital Video Broadcasting (DVB) compliant
descrambler core, incorporating storage for up to
6 control word pairs
• Hardware section filtering based on 32 different Packet
Identifiers (PIDs) with a flexible number of filter
conditions (8 or 4-byte condition plus 8 or 4-byte mask)
per PID and a total filter capacity of 40 (8-byte condition
checks) or up to 80 (4-byte condition checks) filter
conditions
• 4 Transport Stream/Packetized Elementary Stream
(PES) filters for retrieval of data at TS or PES level for
applications such as subtitling, TXT or retrieval of
private data
• Flexible Direct Memory Access (DMA) based storage of
the 32 section substreams and 4 TS/PES data
substreams in the external memory
• System time base management with a double counter
mechanism for clock control and discontinuity handling
• 2 Presentation Time Stamp (PTS)/Decoding Time
Stamp (DTS) timers
• A General Purpose/High Speed (GP/HS) filter which can
serve as alternative input from e.g. IEEE 1394 devices.
It can also output either scrambled or descrambled TS
to IEEE 1394 devices.
1.1.3
EXTERNAL INTERFACE FEATURES
• A 16-bit microcontroller extension bus supporting
DRAM, Flash, (E)PROM and external memory mapped
I/O devices. It also supports a synchronous interface to
communicate with the integrated MPEG Audio Video
Graphics (AVG) decoder SAA7215 at 40.5 Mbytes/s.
• An IEEE 1284 interface supporting master and slave
modes. Usable as a general purpose port.
• 3 UART (RS232) data ports with DMA capabilities
(187.5 kbits/s) including hardware flow control signals
RXD, TXD, RTS, CTS for modem support
• Two dedicated smart-card reader interfaces (ISO 7816
compatible) with DMA capabilities
• Two I2C-bus master/slave transceivers supporting the
standard (100 kbits/s) and fast (400 kbits/s) I2C-bus
modes
• 32 general purpose, bidirectional I/O interface pins,
which may also be used as interrupt inputs.
• 2 Pulse Width Modulated (PWM) outputs with 8-bit
resolution.
1.2
SAA7215 features
1.2.1
GENERAL SAA7215 FEATURES
• Single or double external synchronous DRAM organized
as 1M
× 16 or 2 × 1M × 16 interfacing at 81 MHz. Due to
efficient memory use in MPEG decoding, more than
1 Mbit is available for graphics in the single SDRAM
configuration whereas 17 Mbits are available in the
double SDRAM configuration targeted to BSkyB 3.00
and Canal+ 4.0 specifications.
• Dedicated input for compressed audio and video in PES
or Elementary Stream (ES) in byte wide or bit serial
format. Accompanying strobe signals distinguish
between audio and video data.
• Optimum compatibility with the SAA7214 Transport
Mega Instructions Per Second (TMIPS) controller
• Flexible memory allocation under control of the external
Central Processing Unit (CPU) enables optimized
partitioning of memory for different tasks.
• Boundary scan testing implemented.
1.2.2
CPU RELATED FEATURES
• External SDRAM self test
• Asynchronous interface possible with external
microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com