Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFB0520F/315 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFB0520F/315
Description  5x20mm glass fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFB0520F/315 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFB0520F/315 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
FUSES
228
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
5x20mm glas s fuses
PART NO.
RATING
CFB0520F/250
250mA
CFB0520F/315
315mA
CFB0520F/400
400mA
CFB0520F/500
500mA
CFB0520F/630
630mA
CFB0520F/800
800mA
CFB0520F/1
1A
CFB0520F/1.25
1.25A
CFB0520F/1.6
1.6A
CFB0520F/2
2A
CFB0520F/2.5
2.5A
PART NO.
RATING
CFB0520F/3
3A
CFB0520F/3.15
3.15A
CFB0520F/4
4A
CFB0520F/5
5A
CFB0520F/6.3
6.3A
CFB0520F/8
8.A
CFB0520F/10
10A
CFB0520F/12.5
12.5A
CFB0520F/15
15A
CFB0520F/16
16A
CFB0520F/20
20
PART NO.
RATING
CFB0520T/100
100mA
CFB0520T/125
125mA
CFB0520T/160
160mA
CFB0520T/200
200mA
CFB0520T/250
250mA
CFB0520T/315
315mA
CFB0520T/400
400mA
CFB0520T/500
500mA
CFB0520T/630
630mA
CFB0520T/800
800mA
CFB0520T/1
1A
CFB0520T/1.25
1.25A
PART NO.
RATING
CFB0520T/1.6
1.6A
CFB0520T/2
2A
CFB0520T/2.5
2.5A
CFB0520T/3.15
3.15A
CFB0520T/4
4A
CFB0520T/5
5A
CFB0520T/6.3
6.3A
CFB0520T/8
8.A
CFB0520T/10
10A
CFB0520T/12.5
12.5A
Pr oduct o v ervie w
• Quick blow (F) IEC60127
• Excellent I2T characteristics
• Welded element for enhanced vibration tolerance
• Glass cartridge, nickel plated brass end caps
• Break capacity 100A/250VAC (250mA-16A)
• Operating temperature -55
°C to +125°C
• RoHs, C
US
,
,
,
,
approved (315mA-10A)
CFB0520F
CFB0520T
Pr oduct o v ervie w
• Time delay (T) IEC60127
• Excellent I2T characteristics
• Welded element for enhanced vibration tolerance
• Glass cartridge, nickel plated brass end caps
• Operating temperature -55
°C to +125°C
• RoHs, C
US
,
,
,
,
approved (500mA-10A)
5x20mm glas s, quick blo w
5x20mm glas s, time dela y
CFB05 20T
Average time current (I-T curves)
Current in amperes
CFB05 20F
Average time current (I-T curves)
Current in amperes
0.01
0.1
1
10
100
1000
1
10
100
1000
0.1
0.01
0.1
1
10
100
1000
1.00
10.00
100.00
1000.00
0.10
20±0.5
10±0.2
5.2
2


Similar Part No. - CFB0520F/315

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB0520F/315 CAMDENBOSS-CFB0520F/315 Datasheet
1Mb / 1P
5x20mm glass f u s e s
More results

Similar Description - CFB0520F/315

ManufacturerPart #DatasheetDescription
logo
Littelfuse
195 LITTELFUSE-195 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
196 LITTELFUSE-196 Datasheet
87Kb / 2P
MINIATURE FUSES - 5x20mm
197 LITTELFUSE-197 Datasheet
59Kb / 2P
MINIATURE FUSES - 5x20mm
198 LITTELFUSE-198 Datasheet
61Kb / 2P
MINIATURE FUSES - 5x20mm
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
DIN41571 LITTELFUSE-DIN41571_1 Datasheet
82Kb / 2P
MINIATURE FUSES 5x20mm
logo
Dubilier
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0521CF CAMDENBOSS-CFB0521CF Datasheet
1Mb / 1P
5x20mm ceramic fuses
CFB0521CT CAMDENBOSS-CFB0521CT Datasheet
1Mb / 1P
5x20mm ceramic fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com