Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4449
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices LTC4449 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
11 of 19
Figure 17. Bootstrap Switch Voltage vs. Temperature
Figure 18. Bootstrap Switch Voltage vs. Temperature
Figure 19. INB Propagation Delay vs. Temperature
Figure 20. INT Propagation Delay vs. Temperature
Figure 21. BG On-Resistance vs. Temperature
Figure 22. TG On-Resistance vs. Temperature
IBST = 1.1mA
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
0
0.25
0.50
0.75
1.00
1.25
1.50
IBST = 100µA
TEMPERATURE (°C)
–40 –25
–10
5
20
35
50
65
80
95
110 125
0
0.5
1.0
1.5
2.0
2.5
3.0
RISING
FALLING
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
6
7
8
9
10
11
12
13
14
RISING
FALLING
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
6
7
8
9
10
11
12
13
14
15
16
BGP
BGN
TEMPERATURE (°C)
–40
–25 –10
5
20
35
50
65
80
95
110 125
0
0.2
0.4
0.6
0.8
1.0
TGP
TGN
TEMPERATURE (°C)
–40
–25 –10
5
20
35
50
65
80
95
110 125
0
0.2
0.4
0.6
0.8
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com