Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40L15CTS Datasheet(PDF) 2 Page - International Rectifier

Part # 40L15CTS
Description  SCHOTTKY RECTIFIER 2 x 20 Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40L15CTS Datasheet(HTML) 2 Page - International Rectifier

  40L15CTS Datasheet HTML 1Page - International Rectifier 40L15CTS Datasheet HTML 2Page - International Rectifier 40L15CTS Datasheet HTML 3Page - International Rectifier 40L15CTS Datasheet HTML 4Page - International Rectifier 40L15CTS Datasheet HTML 5Page - International Rectifier 40L15CTS Datasheet HTML 6Page - International Rectifier 40L15CTS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
40L15CTSPbF, 40L15CT-1PbF
Bulletin PD-21037 rev. A 02/07
2
www.irf.com
I
F(AV) Max. Average Forward
(Per Leg)
20
A
50% duty cycle @ T
C = 85°C, rectangular wave form
Current
* See Fig. 5
(PerDevice)
40
I
FSM
Max.PeakOneCycleNon-Repetitive
700
5μs Sine or 3μs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
330
10msSineor6msRect.pulse
E
AS
Non-RepetitiveAvalancheEnergy
10
mJ
T
J = 25 °C, IAS = 2 Amps, L = 6 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
2
A
Currentdecayinglinearly to zeroin1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
40L15CTSPbF, 40L15CT-1PbF
V
R
Max. DC Reverse Voltage (V)
@ T
J = 100 °C
V
RWM Max. Working Peak Reverse Voltage (V) @ TJ = 100 °C
15
T
J
Max. Junction Temperature Range
-55 to 125
°C
T
stg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance
1.5
°C/W DCoperation
* See Fig. 4
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mounting surface , smooth and greased
Case to Heatsink
Only for TO-220
R
thJA Max. Thermal Resistance
40
°C/W DC operation
Junction to Ambient
For D2Pak and TO-262
wt
Approximate Weight
2 (0.07)
g(oz.)
T
MountingTorque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
MarkingDevice
40L15CTS
Case style D2Pak
40L15CT-1
Case style TO-262
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values
Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRMapplied
Parameters
Values
Units
Conditions
A
Typ. Max.
V
FM
Forward Voltage Drop
-
0.41
V
@ 19A
(Per Leg) * See Fig. 1
(1)
-
0.52
V
@ 40A
0.25 0.33
V
@ 19A
0.37 0.50
V
@ 40A
I
RM
Reverse Leakage Current
-
10
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
-
600
mA
T
J = 100 °C
V
F(TO) Threshold Voltage
0.182
V
T
J = TJ max.
r
t
Forward Slope Resistance
7.6
m
Ω
C
T
Max. Junction Capacitance (Per Leg)
-
2000
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8
-
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
Values
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle <2%
Voltage Ratings
Electrical Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com