Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP113 Datasheet(PDF) 2 Page - Vaisala

Part # HMP113
Description  Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP113 Datasheet(HTML) 2 Page - Vaisala

  HMP113 Datasheet HTML 1Page - Vaisala HMP113 Datasheet HTML 2Page - Vaisala HMP113 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Measurement performance
Relative humidity
Measurement range
0–100 %RH
Accuracy (incl. non-linearity, hysteresis, and repeatability):
at 0 … +40 °C (+32 … +104 °F)
±1.5 %RH (0–90 %RH)
±2.5 %RH (90–100 %RH)
at −40 … 0 °C (−40 … +32 °F) and
+40 … +60 °C (+104 … +140 °F)
±3.0 %RH (0–90 %RH)
±4.0 %RH (90–100 %RH)
Factory calibration uncertainty at
+20 °C (+68 °F):
±1.1 %RH (0–90 %RH)
±1.8 %RH (90–100 %RH)
Humidity sensor
HUMICAPâ 180R
Stability
±2 %RH over 2 years
Temperature
Measurement range
−40 … +60 °C (−40 … +140 °F)
Accuracy:
at 0 … +40 °C (+32 … +104 °F)
±0.2 °C (±0.36 °F)
at −40 … 0 °C (−40 … +32 °F) and
+40 … +60 °C (+104 … +140 °F)
±0.4 °C (±0.72 °F)
Temperature sensor
Pt1000 RTD Class F0.1 IEC 60751
Analog outputs
Accuracy at +20 °C (+68 °F)
±0.2 % of FS
Temperature dependence
±0.01 % of FS/°C (±0.006 % of FS/°F)
Operating environment
Operating temperature
−40 … +60 °C (−40 … +140 °F)
IP rating 1)
IP54
1)
Not applicable with the plastic grid filter.
Compliance
EU directives and regulations
EMC Directive (2014/30/EU)
RoHS Directive (2011/65/EU)
amended by 2015/863
Electromagnetic compatibility (EMC)
EN 61326‑1, basic electromagnetic
environment
Compliance marks
CE, RCM, UKCA
Inputs and outputs
Power consumption
1 mA average, max. peak 5 mA
Operating voltage 1)
With 1 V / 2.5 V output
5–28 V DC
With 5 V output
8–28 V DC
With loop power converter
8–28 V DC
With digital output
5–28 V DC
Start-up time
Probes with analog output
4 s at operating voltage 13.5–
16.5 V DC
2 s at other valid operating voltages
Probes with digital output
1 s
Outputs
2 channels
0–1 V DC / 0–2.5 V DC / 0–5 V DC / 1–
5 V DC
1-channel loop-power converter
(separate module, compatible with
humidity accuracy only)
4–20 mA
Digital output (optional)
RS-485 2-wire half duplex, supports
Modbus RTU
External loads
0–1 V
RL min 10 kΩ
0–2.5 V /0–5 V
RL min 50 kΩ
Output parameters
Relative humidity, temperature, dew point temperature, wet bulb temperature,
absolute humidity, mixing ratio, enthalpy
1)
Use lowest available operating voltage to minimize heating.
Mechanical specifications
Cable connector
4-pin M8 (IEC 60947-5-2)
Materials
Body
PC/ABS blend
Grid filter
PC (glass reinforced)
Cable
Polyurethane or FEP
Weight
Probe
9 g (0.3 oz)
Probe with 0.3 m (1 ft) cable
20 (0.7 oz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com