Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTBP9400/3 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTBP9400/3
Description  7.5mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP9400/3 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTBP9400/3 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP9400/3 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
69
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
PART NO.
POLES
LENG TH
CTBP9500/2AO
2
13mm
CTBP9500/3AO
3
20.5mm
CTBP9500/4AO
4
28mm
CTBP9500/5AO
5
35.5mm
CTBP9500/6AO
6
43mm
CTBP9500/7AO
7
50.5mm
CTBP9500/8AO
8
58mm
CTBP9500/9AO
9
65.5mm
CTBP9500/10AO
10
73mm
CTBP9500/11AO
11
80.5mm
CTBP950012AO
12
88mm
PART NO.
POLES
LENG TH
CTBP9550/2AO
2
13mm
CTBP9550/3AO
3
20.5mm
CTBP9550/4AO
4
28mm
CTBP9550/5AO
5
35.5mm
CTBP9550/6AO
6
43mm
CTBP9550/7AO
7
50.5mm
CTBP9550/8AO
8
58mm
CTBP9550/9AO
9
65.5mm
CTBP9550/10AO
10
73mm
CTBP9550/11AO
11
80.5mm
CTBP9550/12AO
12
88mm
CTBP9500 AO
CTBP9550 AO
7.5
8.5
3.9
7.8
1
7.5
8.5
4
7.8
1
PCB mounting male v ertical c onnect or ( open ended)
PCB mounting male horiz ontal c onnect or ( open ended)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com