Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTBP9400/3 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP9400/3
Description  7.5mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP9400/3 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP9400/3 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP9400/3 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
68
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
SCREWLES S
S TANDARD
PL UGGABLES
PL UGGABLES
PCB TERMINAL
BLOCKS
0 02
7.5mm pit ch pluggable rising clamp
t erminal blocks
Pr oduct o v ervie w
• 2-12 pole solid block
• Professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA66
• Cable acceptance - 0.32 to 1.6mm2 (28-14AWG) solid
and stranded cable
• Pluggable male and female connectors
• Open and closed headers
• Horizontal female plug style
• Polarised mouldings
• Anti solder wicking
• Captive screws and guided pin alignment
• C
US ,
approved
PART NO.
POLES
LENG TH
CTBP9400/2
2
13mm
CTBP9400/3
3
20.5mm
CTBP9400/4
4
28mm
CTBP9400/5
5
35.5mm
CTBP9400/6
6
43mm
CTBP9400/7
7
50.5mm
CTBP9400/8
8
58mm
CTBP9400/9
9
65.5mm
CTBP9400/10
10
73mm
CTBP9400/11
11
80.5mm
CTBP9400/12
12
88mm
CTBP9400
PART NO.
POLES
LENG TH
CTBP9500/2
2
15mm
CTBP9500/3
3
22.5mm
CTBP9500/4
4
30mm
CTBP9500/5
5
37.5mm
CTBP9500/6
6
45mm
CTBP9500/7
7
52.5mm
CTBP9500/8
8
60mm
CTBP9500/9
9
67.5mm
CTBP9500/10
10
75mm
CTBP9500/11
11
82.5mm
CTBP9500/12
12
90mm
CTBP9500
PART NO.
POLES
LENG TH
CTBP9550/2
2
15mm
CTBP9550/3
3
22.5mm
CTBP9550/4
4
30mm
CTBP9550/5
5
37.5mm
CTBP9550/6
6
45mm
CTBP9550/7
7
52.5mm
CTBP9550/8
8
60mm
CTBP9550/9
9
67.5mm
CTBP9550/10
10
75mm
CTBP9550/11
11
82.5mm
CTBP9550/12
12
90mm
CTBP9550
SPECIFICATION
Rating
UL=15A/300V, VDE=20A/450V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M3 steel, zinc plated 0.5Nm
Recommended PCB hole size
ø1.7mm
7.5
7.5
8.5
3.9
7.8
1
7.5
8.5
4
7.8
1
F emale c onnect or
PCB mounting male v ertical c onnect or ( closed ended)
PCB mounting male horiz ontal c onnect or ( closed ended)


Similar Part No. - CTBP9400/3

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP9400/3 CAMDENBOSS-CTBP9400/3 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9400/3 CAMDENBOSS-CTBP9400/3 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
More results

Similar Description - CTBP9400/3

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92VD CAMDENBOSS-CTBP92VD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VE CAMDENBOSS-CTBP92VE Datasheet
793Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP93HD CAMDENBOSS-CTBP93HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
7.5mm pitch standard profile rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9400 CAMDENBOSS-CTBP9400 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9500 CAMDENBOSS-CTBP9500 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9508 CAMDENBOSS-CTBP9508 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9558 CAMDENBOSS-CTBP9558 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com