Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDT8401WH Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CDT8401WH
Description  84 Series Network ABS Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CDT8401WH Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CDT8401WH Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
UNIVERS AL PLA S TIC ENCLO SURES
310
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
FM 28614
84 Series Netw ork ABS Enclosur e
Pr oduct o v ervie w
ABS round shaped case, suitable for wall
mounting, home energy systems and home
automation.
• Snap-fit enclosures - no screws required
• Surface mount knockout option
• Available in two sizes
• Internal pillars for PCB mounting
• Applications in home energy, home automation
and control units
• 84 series has been designed to meet the
requirements of IP40
SPECIFICATION
Materials
ABS as standard UL94-HB
Operating temperature
-10°C to +60°C
Standard colours
White
Protection class
84 series has been designed to meet the requirements of IP40
Standard unit includes
Base and lid
KEY FEATURES
Snap-fit enclosur e | Av ailable in tw o siz es | Wall mounting
CUE84
CB WHITE
LENG TH
WIDTH
HEIGHT
CDT8401WH
110mm
140mm
35mm
CDT8402WH
125mm
180mm
35mm
Vers 3


Similar Part No. - CDT8401WH

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CDT-10MX FOTEK-CDT-10MX Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-10MX-M12 FOTEK-CDT-10MX-M12 Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-10MXB FOTEK-CDT-10MXB Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-10MXB-M12 FOTEK-CDT-10MXB-M12 Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-6MX-V FOTEK-CDT-6MX-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
More results

Similar Description - CDT8401WH

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
6081301 FIBOX-6081301 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081302 FIBOX-6081302 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081320 FIBOX-6081320 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081916 FIBOX-6081916 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081922 FIBOX-6081922 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081931 FIBOX-6081931 Datasheet
466Kb / 2P
Enclosure, ABS
19.01.2023
6082303 FIBOX-6082303 Datasheet
46Kb / 2P
Enclosure, ABS
09.01.2023
6082307 FIBOX-6082307 Datasheet
426Kb / 2P
Enclosure, ABS
09.01.2023
6082901 FIBOX-6082901 Datasheet
69Kb / 2P
Enclosure, ABS
09.01.2023
6082908 FIBOX-6082908 Datasheet
47Kb / 2P
Enclosure, ABS
09.01.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com