Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUE8205WH Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CUE8205WH
Description  82 Series Multipurpose ABS Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CUE8205WH Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CUE8205WH Datasheet HTML 1Page - CamdenBoss Ltd. CUE8205WH Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
307
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
UNIVERS AL PLA S TIC ENCLO SURES
FM 28614
Silicone boots available as accessories
YELLOW
GREEN
BLUE
GREY
BLACK
LENG TH
WIDTH
HEIGHT
DESCRIPTION
CUE82B1YL
CUE82B1GN
CUE82B1BL
CUE82B1GY
CUE82B1BK
27mm
71mm
32mm
To fit size 11
CUE82B2YL
CUE82B2GN
CUE82B2BL
CUE82B2GY
CUE82B2BK
27mm
71mm
56mm
To fit size 12
CUE82B3YL
CUE82B3GN
CUE82B3BL
CUE82B3GY
CUE82B3BK
33mm
91.5mm
41.5mm
To fit size 15
CUE82B4YL
CUE82B4GN
CUE82B4BL
CUE82B4GY
CUE82B4BK
33mm
91.5mm
66.5mm
To fit size 16
CUE82B5YL
CUE82B5GN
CUE82B5BL
CUE82B5GY
CUE82B5BK
40mm
116mm
51.5mm
To fit size 17
CUE82B6YL
CUE82B6GN
CUE82B6BL
CUE82B6GY
CUE82B6BK
40mm
116mm
81.5mm
To fit size 18
CUE82B7YL
CUE82B7GN
CUE82B7BL
CUE82B7GY
CUE82B7BK
38mm
131mm
31mm
To fit sizes 19, 21
CUE82B8YL
CUE82B8GN
CUE82B8BL
CUE82B8GY
CUE82B8BK
38mm
131mm
51mm
To fit sizes 20, 22
CUE82B9YL
CUE82B9GN
CUE82B9BL
CUE82B9GY
CUE82B9BK
38mm
131mm
71mm
To fit size 23
AC CES SORIES
Rubber boots
• Flexible open-faced removable silicone rubber boot
• Boots offer protection to the enclosure
• Boot has pre-moulded holes to enable securing of boot to the
enclosure
• Fits tightly over base, sides and around edges of lid
• Available in nine sizes and six colours, suits boxes: 11, 12, 15, 16, 17, 18,
19, 20, 21, 22, 23



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com