Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTBP9358/12 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP9358/12
Description  5 .08mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP9358/12 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP9358/12 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP9358/12 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
65
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
5. 08mm pit ch pluggable rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2-24 pole solid block
• Professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA66
• Cable acceptance - 0.32 to 1.6mm2 (28-14AWG) solid
and stranded cable
• Pluggable male and female connectors
• Open and closed headers
• Horizontal and vertical female plug styles
• Polarised mouldings
• Anti solder wicking
• Captive screws and guided pin alignment
• C
US ,
approved
PART NO.
POLES
LENG TH
CTBP9208/2
2
10.2mm
CTBP9208/3
3
15.2mm
CTBP9208/4
4
20.3mm
CTBP9208/5
5
25.4mm
CTBP9208/6
6
30.5mm
CTBP9208/7
7
35.6mm
CTBP9208/8
8
40.6mm
CTBP9208/9
9
45.7mm
CTBP9208/10
10
50.8mm
CTBP9208/11
11
55.9mm
CTBP9208/12
12
61mm
CTBP9208
PART NO.
POLES
LENG TH
CTBP92VJ/2S
2
10.2mm
CTBP92VJ/3S
3
15.2mm
CTBP92VJ/4S
4
20.3mm
CTBP92VJ/5S
5
25.4mm
CTBP92VJ/6S
6
30.5mm
CTBP92VJ/7S
7
35.6mm
CTBP92VJ/8S
8
40.6mm
CTBP92VJ/9S
9
45.7mm
CTBP92VJ/10S
10
50.8mm
CTBP92VJ/11S
11
55.9mm
CTBP92VJ/12S
12
61mm
CTBP92VJ S
PART NO.
POLES
LENG TH
CTBP92VJ/2R
2
10.2mm
CTBP92VJ/3R
3
15.2mm
CTBP92VJ/4R
4
20.3mm
CTBP92VJ/5R
5
25.4mm
CTBP92VJ/6R
6
30.5mm
CTBP92VJ/7R
7
35.6mm
CTBP92VJ/8R
8
40.6mm
CTBP92VJ/9R
9
45.7mm
CTBP92VJ/10R
10
50.8mm
CTBP92VJ/11R
11
55.9mm
CTBP92VJ/12R
12
61mm
CTBP92VJ R
SPECIFICATION
Rating
UL=15A/300V, VDE=20A/450V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Mouldings
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M3 steel, zinc plated 0.5Nm
Recommended PCB hole size
ø1.7mm
5.08
5.08
5.08
F emale c onnect or
F emale v ertical c onnect or ( s tandar d)
F emale v ertical c onnect or (r e v ersed)


Similar Part No. - CTBP9358/12

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP9358/12 CAMDENBOSS-CTBP9358/12 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358/12 CAMDENBOSS-CTBP9358/12 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358/12 CAMDENBOSS-CTBP9358/12 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358/12AO CAMDENBOSS-CTBP9358/12AO Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358/12AO CAMDENBOSS-CTBP9358/12AO Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
More results

Similar Description - CTBP9358/12

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP92VJ CAMDENBOSS-CTBP92VJ Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP0108 CAMDENBOSS-CTBP0108 Datasheet
388Kb / 1P
5 .08mm pitch standard profile rising clamp terminal blocks
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0708 CAMDENBOSS-CTBP0708 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP0758 CAMDENBOSS-CTBP0758 Datasheet
394Kb / 1P
5 .08mm pitch high power 90° rising clamp terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP9208 CAMDENBOSS-CTBP9208 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9308 CAMDENBOSS-CTBP9308 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBPDDVJ CAMDENBOSS-CTBPDDVJ Datasheet
403Kb / 1P
5 .08mm double decker rising clamp terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com