Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # MA3
Description  Max. load 16,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA3 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  MA3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MA3 Ordering Key Appendix
Retracted Length (mm)
1. Calculate A+B+C+D = Y
2. Retracted length needs to ≥ Stroke+Y
Important notice:
Depending on the attachments, the motor cover might interfere with the customer's device, when retracted length is between
225~318mm. Please confirm before placing order.
C.
Output Signal
0, 4, 5, N, P
-
1
+18
D.
Load and Speed
K, G, H, M, N, J -
F
+13
P, Q, R
+20
B.
Stroke (mm)
Load & speed type(N)
F, K, G, H, M, N, J, P, Q, R
25~150
-
151~200
-
201~250
+10
251~300
+20
301~350
+30
351~400
+40
401~450
+50
451~500
+60
501~550
+70
551~600
+80
601~650
+90
651~700
+100
701~750
+110
751~800
+120
801~850
+130
851~900
+140
901~950
+150
951~1000
+160
A.
Front
Attach.
Rear Attach.
1, 2, 5, 6
3, 4, 7, 8
9
1, 2, 5, 6
+200
+208
+205
3, 4, 7, 8
+207
+215
+212
9
+203
+211
+208
K
+225
+233
+230



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com