Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA13 Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # TA13
Description  Max. load 10,000N (push); 5,500N (pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA13 Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  TA13 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA13 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
TA13 Ordering Key
TA13
Version: 20230923-H
Load and Speed
Voltage
Cable Length (mm)
Output Signal
Quick Release
Plug
See page 8
Color
Direction of
Rear Attachment
(Counterclockwise)
See page 7
5 = 24V DC, PTC or thermal protector
7 = 36V DC, PTC or thermal protector
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 2000
7 = Curly, 200
8 = Curly, 400
0 = Without
2 = Hall sensor*2
3 = Reed sensor
0 = Without
1 = Black (Pantone Cool Gray 9C cable cover + black cable)
2 = Grey (Pantone Cool Gray 9C cable cover + Pantone 428C cable)
1 = 0°
3 = 90°
Stroke (mm)
Retracted Length
(mm)
Functions for
Limit Switches
See page 8
1 = Two switches at full retracted / extended positions to cut current
2 = Two switches at full retracted / extended positions to cut current + third one in between to send signal
3 = Two switches at full retracted / extended positions to send signal
4 = Two switches at full retracted / extended positions to send signal + third one in between to send signal
See page 2
See page 6
See page 2
Rear Attachment
(mm)
See page 7
Front Attachment
(mm)
See page 7
1 = Iron CNC, U clevis, slot 8.2, depth 17, hole 10.2, with
plastic T-bushing
2 = Iron CNC, U clevis, slot 8.2, depth 17, hole 12.2
3 = Iron CNC, U clevis, slot 10.2, depth 17, hole 10.2,
with plastic T-bushing
4 = Iron CNC, U clevis, slot 10.2, depth 17, hole 12.2
Special Functions
for Spindle Sub-
Assembly
0 = Without (Standard)
1 = Safety nut
2 = Standard push only
3 = Standard push only + safety nut
1 = DIN 6P, 90° plug
2 = Tinned leads
M = DIN 4P, dental chair plug (40510-143, standard)
N = DIN 4P, dental chair plug (40510-040)
1 = Iron CNC, U clevis, slot 8.2, depth 17, hole 10.2, with
plastic T-bushing
2 = Iron CNC, U clevis, slot 8.2, depth 17, hole 12.2
3 = Iron CNC, U clevis, slot 10.2, depth 17, hole 10.2,
with plastic T-bushing
4 = Iron CNC, U clevis, slot 10.2, depth 17, hole 12.2
B = Punched hole on inner tube + plastic cap, width 32,
without slot, hole 10.2
C = Punched hole on inner tube + plastic cap, width 32,
without slot, hole 12.2
J = Aluminum casting, without slot, hole 10.2, for dental
chair



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com