Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA21 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TA21
Description  Max. load 10,000N (push); 6,000N (pull)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA21 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TA21 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Motor Speed (3800RPM)
Performance Data (24V DC Motor)
10.0
0.0
20.0
30.0
40.0
50.0
60.0
0
3000
6000
9000
12000
15000
D
A
C
Speed vs. Load
Load (N)
3.0
0.0
6.0
9.0
12.0
15.0
0
3000
6000
9000
1200
1500
D
A
C
Current vs. Load
Load (N)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com