Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3000PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF3000PBF
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3000PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF3000PBF Datasheet HTML 1Page - International Rectifier IRF3000PBF Datasheet HTML 2Page - International Rectifier IRF3000PBF Datasheet HTML 3Page - International Rectifier IRF3000PBF Datasheet HTML 4Page - International Rectifier IRF3000PBF Datasheet HTML 5Page - International Rectifier IRF3000PBF Datasheet HTML 6Page - International Rectifier IRF3000PBF Datasheet HTML 7Page - International Rectifier IRF3000PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF3000PbF
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
0
20
40
60
80
100
Starting T , Junction Temperature
( C)
J
°
I D
TOP
BOTTOM
0.9A
1.5A
1.9A
02468
10
12
14
ID , Drain Current (A)
0.34
0.38
0.42
0.46
0.50
VGS = 10V
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
0.30
0.40
0.50
0.60
0.70
0.80
ID = 0.96A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com