Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL4S Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TL4S
Description  Max. load 700N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL4S Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TL4S Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL4S Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL4S Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL4S Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL4S Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Motor Speed (5200RPM)
Performance Data (24V DC Motor)
20.0
10.0
0.0
30.0
40.0
50.0
45.0
200
0
25.0
15.0
5.0
35.0
400
600
300
100
500
700
800
B
Speed vs. Load
Load (N)
2.0
1.0
0.0
3.0
4.0
5.0
6.0
200
0
400
600
300
100
500
700
800
B
Current vs. Load
Load (N)
Note
1 The performance data in the curve charts shows theoretical value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com