Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL8 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TL8
Description  Max. load 2,000N (push)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL8 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TL8 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TL8 Ordering Key - Top End Socket
TL8
Version: 20220712-L
Load and Speed
Voltage
Output Signals
IP Rating
Functions for
Limit Switches
See page 6
Cable Exit
See page 6
Connector
See page 6
5 = 24V, PTC
200 - 400
Minimum retract length needs to ≥ (stroke/2) +150
0 = Without
2 = Hall sensors*2
1 = Without
2 = IPX4
3 = IPX6
Cable Length
1 = Top end socket
0 = Without
1 = DIN 6P, socket
1 = Two switches at full retracted / extended positions to cut current
3 = Two switches at full retracted / extended positions to send signal
Stroke (mm)
See page 2
Color
Special Functions
for Spindle Sub-
Assembly
1 = Black (With black cable set)
2 = Matte silver (With 428C color cable set)
3 = Matte silver (With black cable set)
4 = Black (With 428C color cable set)
0 = Without (standard)
Note
1 The TL8 is designed especially for push applications, not suitable for pull applications.
Retracted Length
(mm)
See page 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com