Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN3 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # VN3
Description  Max. load 3,000N (push/pull)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

VN3 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  VN3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. VN3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
VN3 Ordering Key
VN3
Load and Speed
Voltage
Outer Tube
Adjustable Clamping
Block
Mounting Bracket
Cable Length (mm)
IP Rating
Connector
See page 6
Color
Direction of
Rear Attachment
(Counterclockwise)
1 = 12V DC
2 = 24V DC
3 = 12V DC, thermal switch 4 = 24V DC, thermal switch
0 = Without (Option when choosing rear attachment #1, #2, #3)
0 = Without (Option when choosing rear attachment #1, #2, #3)
0 = Without
2 = Hall sensor * 2
0 = Standard
1 = Without
2 = IP54
3 = IP66
2 = 0°
Stroke (mm)
Retracted Length
(mm)
See page 2
See page 5
See page 2
Rear Attachment
(mm)
See page 6
Front Attachment
(mm)
See page 6
1 = Aluminum, U clevis, slot 6.2, depth 13, hole 6.2
2 = Aluminum, U clevis, slot 6.2, depth 13, hole 8.2
3 = Aluminum, U clevis, slot 6.2, depth 13, hole10.2
1 = Aluminum, U clevis, slot 6.2, depth 17, hole 6.2
2 = Aluminum, U clevis, slot 6.2, depth 17, hole 8.2
3 = Aluminum, U clevis, slot 6.2, depth 17, hole10.2
Function of
Limit Switches
1 = Two micro switches cut off the actuator at end of stroke
3 = Two micro switches send signal at end of stroke
Special Function
of Spindle
Subassembly
0 = Without (Standard)
1 = Safety nut
1 = DIN 6P, 90° plug
2 = Tinned leads
0 = Without
1 = 500
2 = 1000
3 = 1500
4 = 2000
5 = 5000
Version: 20231206-E
Output Signal
See page 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com