Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80CL410 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P80CL410
Description  Low voltage 8-bit microcontrollers with I2C-bus
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL410 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P80CL410 Datasheet HTML 30Page - NXP Semiconductors P80CL410 Datasheet HTML 31Page - NXP Semiconductors P80CL410 Datasheet HTML 32Page - NXP Semiconductors P80CL410 Datasheet HTML 33Page - NXP Semiconductors P80CL410 Datasheet HTML 34Page - NXP Semiconductors P80CL410 Datasheet HTML 35Page - NXP Semiconductors P80CL410 Datasheet HTML 36Page - NXP Semiconductors P80CL410 Datasheet HTML 37Page - NXP Semiconductors P80CL410 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
1997 Apr 10
34
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
I2C-bus
P80CL410; P83CL410
16 RESET
To initialize the P8xCL410 a reset is performed by either of
three methods:
• Applying an external signal to the RST pin
• Via Power-on-reset circuitry.
A reset leaves the internal registers as shown in
Chapter 17. The reset state of the port pins is
mask-programmable and can be defined by the user.
16.1
External reset using the RST pin
The reset input for the P8xCL410 is RST. A Schmitt trigger
is used at the input for noise rejection. The output of the
Schmitt trigger is sampled by the reset circuitry every
machine cycle. A reset is accomplished by holding the
RST pin HIGH for at least two machine cycles
(24 oscillator periods) while the oscillator is running.
The CPU responds by executing an internal reset. Port
pins adopt their reset state immediately after the RST goes
HIGH. During reset, ALE and PSEN are held HIGH.
The external reset is asynchronous to the internal clock.
The RST pin is sampled during state 5, phase 2 of every
machine cycle. After a HIGH is detected at the RST pin, an
internal reset is repeated until RST goes LOW.
The internal RAM is not affected by reset. When VDD is
turned on, the RAM contents are indeterminate.
16.2
Power-on-reset
The device contains on-chip circuitry which switches the
port pins to the customer defined logic level as soon as
VDD exceeds 1.3 V; if the mask option ‘ON’ has been
chosen. As soon as the minimum supply voltage is
reached, the oscillator will start up. However, to ensure
that the oscillator is stable before the controller starts, the
clock signals are gated away from the CPU for a further
1536 oscillator periods. During that time the CPU is held in
a reset state. A hysteresis of approximately 50 mV at a
typical power-on switching level of 1.3 V will ensure
correct operation (see Fig.20).
The on-chip Power-on-reset circuitry can also be switched
off via the mask option ‘OFF’. This option reduces the
Power-down current to typically 800 nA and can be
chosen if external reset circuitry is used. For applications
not requiring the internal reset, option ‘OFF’ should be
chosen.
An automatic reset can be obtained by connecting the RST
pin to VDD via a 10 µF capacitor. At power-on, the voltage
on the RST pin is equal to VDD minus the capacitor voltage,
and decreases from VDD as the capacitor charges through
the internal resistor (RRST) to ground. The larger the
capacitor, the more slowly VRST decreases. VRST must
remain above the lower threshold of the Schmitt trigger
long enough to effect a complete reset. The time required
is the oscillator start-up time, plus 2 machine cycles.
The Power-on-reset circuitry is shown in Fig.19.
Fig.18 Reset configuration.
handbook, halfpage
MLA580
SCHMITT
TRIGGER
RESET
CIRCUITRY
RST
Fig.19 Recommended Power-on-reset circuitry.
handbook, halfpage
VDD
VDD
RST
10
µF
R RST
MBK024
P80CL410
P83CL410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com