| Electronic Components Datasheet Search |
|
P80CL51 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P80CL51 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 68 page ![]() 1997 Apr 15 13 Philips Semiconductors Product specification Low voltage 8-bit microcontrollers with UART P80CL31; P80CL51 Fig.6 The lower 128 bytes of internal RAM. handbook, halfpage MLA560 - 1 R7 R0 07H 0 R7 R0 0FH 08H R7 R0 17H 10H R7 R0 1FH 18H 2FH 7FH 20H 30H bit-addressable space (bit addresses 0 to 7F) 4 banks of 8 registers (R0 to R7) 9.3 Special Function Registers (SFRs) The upper 128 bytes are the address locations of the SFRs. Figure 7 shows the SFR space. The SFRs include the port latches, timers, peripheral control, serial I/O registers, etc. These registers can only be accessed by direct addressing. There are 128 directly addressable locations in the SFR address space (SFRs with addresses divisible by eight). 9.4 Addressing The P8xCL410 has five methods for addressing source operands: • Register • Direct • Register-indirect • Immediate • Base-register plus index-register-indirect. The first three methods can be used for addressing destination operands. Most instructions have a ‘destination/source’ field that specifies the data type, addressing methods and operands involved. For operations other than MOVs, the destination operand is also a source operand. Access to memory addressing is as follows: • Registers in one of the four register banks through register, direct or register-indirect • Internal RAM (128 bytes) through direct or register-indirect • Special Function Registers through direct • External data memory through register-indirect • Program Memory look-up tables through base-register plus index-register-indirect. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |