Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83CL580 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P83CL580
Description  Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL580 Datasheet(HTML) 2 Page - NXP Semiconductors

  P83CL580 Datasheet HTML 1Page - NXP Semiconductors P83CL580 Datasheet HTML 2Page - NXP Semiconductors P83CL580 Datasheet HTML 3Page - NXP Semiconductors P83CL580 Datasheet HTML 4Page - NXP Semiconductors P83CL580 Datasheet HTML 5Page - NXP Semiconductors P83CL580 Datasheet HTML 6Page - NXP Semiconductors P83CL580 Datasheet HTML 7Page - NXP Semiconductors P83CL580 Datasheet HTML 8Page - NXP Semiconductors P83CL580 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
1997 Mar 14
2
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART, I2C-bus and ADC
P80CL580; P83CL580
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
2.1
ROMless version: P80CL580
3
APPLICATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
FUNCTIONAL DIAGRAM
7
PINNING INFORMATION
7.1
Pinning
7.2
Pin description
8
FUNCTIONAL DESCRIPTION OVERVIEW
8.1
General
8.2
CPU timing
9
MEMORY ORGANIZATION
9.1
Program Memory
9.2
Data Memory
9.3
Special Function Registers (SFRs)
9.4
Addressing
10
I/O FACILITIES
10.1
Ports
10.2
Port options
10.3
Port 0 options
10.4
SET/RESET options
11
TIMERS/EVENT COUNTERS
11.1
Timer 0 and Timer 1
11.2
Timer T2
11.3
Timer/Counter 2 Control Register (T2CON)
11.4
Watchdog Timer
12
PULSE WIDTH MODULATED OUTPUT
12.1
Prescaler Frequency Control Register (PWMP)
12.2
Pulse Width Register (PWM0)
13
ANALOG-TO-DIGITAL CONVERTER (ADC)
13.1
ADC Control Register (ADCON)
14
REDUCED POWER MODES
14.1
Idle mode
14.2
Power-down mode
14.3
Wake-up from Power-down mode
14.4
Status of external pins
14.5
Power Control Register (PCON)
15
I2C-BUS SERIAL I/O
15.1
Serial Control Register (S1CON)
15.2
Serial Status Register (S1STA)
15.3
Data Shift Register (S1DAT)
15.4
Address Register (S1ADR)
16
STANDARD SERIAL INTERFACE SIO0: UART
16.1
Multiprocessor communications
16.2
Serial Port Control and Status Register
(S0CON)
16.3
Baud rates
17
INTERRUPT SYSTEM
17.1
External interrupts INT2 to INT8
17.2
Interrupt priority
17.3
Interrupt registers
18
OSCILLATOR CIRCUITRY
19
RESET
19.1
External reset using the RST pin
19.2
Power-on-reset
20
SPECIAL FUNCTION REGISTERS
OVERVIEW
21
INSTRUCTION SET
22
LIMITING VALUES
23
DC CHARACTERISTICS
24
AC CHARACTERISTICS
25
PACKAGE OUTLINES
26
SOLDERING
26.1
Introduction
26.2
Reflow soldering
26.3
Wave soldering
26.4
Repairing soldered joints
27
DEFINITIONS
28
LIFE SUPPORT APPLICATIONS
29
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com