Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C552 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C552 Datasheet(HTML) 4 Page - NXP Semiconductors

  P87C552 Datasheet HTML 1Page - NXP Semiconductors P87C552 Datasheet HTML 2Page - NXP Semiconductors P87C552 Datasheet HTML 3Page - NXP Semiconductors P87C552 Datasheet HTML 4Page - NXP Semiconductors P87C552 Datasheet HTML 5Page - NXP Semiconductors P87C552 Datasheet HTML 6Page - NXP Semiconductors P87C552 Datasheet HTML 7Page - NXP Semiconductors P87C552 Datasheet HTML 8Page - NXP Semiconductors P87C552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
Philips Semiconductors
Preliminary specification
P87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, low voltage (2.7V–5.5V), low power
1999 Mar 30
4
PIN CONFIGURATIONS
Plastic Leaded Chip Carrier pin functions
Pin
Function
1
P5.0/ADC0
2VDD
3
STADC
4
PWM0
5
PWM1
6EW
7
P4.0/CMSR0
8
P4.1/CMSR1
9
P4.2/CMSR2
10
P4.3/CMSR3
11
P4.4/CMSR4
12
P4.5/CMSR5
13
P4.6/CMT0
14
P4.7/CMT1
15
RST
16
P1.0/CT0I
17
P1.1/CT1I
18
P1.2/CT2I
19
P1.3/CT3I
20
P1.4/T2
21
P1.5/RT2
22
P1.6/SCL
23
P1.7/SDA
Pin
Function
24
P3.0/RxD
25
P3.1/TxD
26
P3.2/INT0
27
P3.3/INT1
28
P3.4/T0
29
P3.5/T1
30
P3.6/WR
31
P3.7/RD
32
NC
33
NC
34
XTAL2
35
XTAL1
36
VSS
37
VSS
38
NC
39
P2.0/A08
40
P2.1/A09
41
P2.2/A10
42
P2.3/A11
43
P2.4/A12
44
P2.5/A13
45
P2.6/A14
46
P2.7/A15
Pin
Function
47
PSEN
48
ALE/PROG
49
EA/VPP
50
P0.7/AD7
51
P0.6/AD6
52
P0.5/AD5
53
P0.4/AD4
54
P0.3/AD3
55
P0.2/AD2
56
P0.1/AD1
57
P0.0/AD0
58
AVref–
59
AVref+
60
AVSS
61
AVDD
62
P5.7/ADC7
63
P5.6/ADC6
64
P5.5/ADC5
65
P5.4/ADC4
66
P5.3/ADC3
67
P5.2/ADC2
68
P5.1/ADC1
SU00208
91
61
60
44
43
27
26
10
PLASTIC
LEADED
CHIP CARRIER
LOGIC SYMBOL
ADC0-7
CMT0
CMT1
CMSR0-5
RST
EW
XTAL1
XTAL2
EA/VPP
ALE/PROG
PSEN
AVref+
AVref–
STADC
PWM0
PWM1
LOW ORDER
ADDRESS AND
DATA BUS
CT0I
CT1I
CT2I
CT3I
T2
RT2
SCL
SDA
RxD/DATA
TxD/CLOCK
INT0
INT1
T0
T1
WR
RD
VSS
VDD
AVSS
AVDD
HIGH ORDER
ADDRESS AND
DATA BUS
SU00210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com