Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDF Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # CDF
Description  ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

CDF Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  CDF Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
CDF
SERIES
CDF
Electrolytic capacitors for rapid strobe flash applications.
Long life under rapid charge and discharge use.
RoHS compliance.
0.07
(25°C, 120Hz)
-10 ∼ + 20% (25°C, 120Hz)
Charge and discharge at rated voltage at 45°C in every 1 second for 1 million times via Xe flash tube.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Withstand Voltage
Leakage Current(MAX)
Shelf Life
Items
Characteristics
Charge and Discharge
450V.DC
500V.DC
360V.DC
390V.DC
Case Size φ D
×L
(mm)
120
150
200
300
400
40
50
60
80
100
22
× 40
22
× 30
22
× 50
25
× 39
25
× 30
25
× 45
25
× 51
35
× 51
35
× 66
22
× 50
22
× 40
22
× 35
25
× 45
25
× 39
25
× 35
25
× 55
30
× 41
30
× 45
30
× 65
30
× 45
30
× 51
30
× 51
30
× 65
35
× 45
35
× 56
35
× 66
CAUTION
FEATURES
SPECIFICATIONS
STANDARD SIZE
360
450
CDF series is designed, manufactured and intended solely for use in signal light with
strobe-flash.
This is not intended for use in medical equipment.
Rubycon Corporation, Rubycon America, Inc., and Shin-Ei Capacitor Foil Company,
Ltd. expressly disclaim any warranties or representations as to the suitability or fitness
of this capacitor for use in medical equipment.
Storage without voltage applied at 70°C for 500 hours and measured at 25°C 5°C after voltage processing in JIS C 5102 item 4.4.
φ 22
φ 25
φ 30
φ 35
φ 22
φ 25
φ 30
φ 35
WV
Dissipation Factor(MAX)
(tanδ)
I
=3 CV
(After 5 minutes application of rated voltage)
I
= Leakage Current ( µ A)
V= Rated Voltage (V)
C= Rated Capacitance ( µ F)
-25 ∼ +70°C
Within
10% of the initial value.
+
-
Within
10% of the initial value.
+
-
+
-
φD
Cap
( µ F)
+
-
+1MAX
2
Leakage Current
Dissipation Factor
Capacitance Change
Not more than 150% of the specified value.
Not more than 300% of the specified value.
Leakage Current
Dissipation Factor
Capacitance Change
Not more than 150% of the specified value.
Not more than 200% of the specified value.


Similar Part No. - CDF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CDF TOKO-CDF Datasheet
74Kb / 1P
FM CERAMIC DISCRIMINATOR
logo
Tyco Electronics
CDF-38-70001 MACOM-CDF-38-70001 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDF-38-70002 MACOM-CDF-38-70002 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDF-38-70003 MACOM-CDF-38-70003 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
logo
TOKO, Inc
CDF107F-A0-022 TOKO-CDF107F-A0-022 Datasheet
117Kb / 1P
FM Ceramic Discriminator
More results

Similar Description - CDF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
FKX RUBYCON-FKX Datasheet
60Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
logo
Renesas Technology Corp
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
Nch IGBT for Strobe Flash
logo
RUBYCON CORPORATION
SF RUBYCON-SF_15 Datasheet
256Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
CDF RUBYCON-CDF_15 Datasheet
170Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
FK RUBYCON-FK Datasheet
380Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FKX RUBYCON-FKX_15 Datasheet
379Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FW RUBYCON-FW Datasheet
149Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com