Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85063AT/AY Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF85063AT/AY
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/AY Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF85063AT/AY Datasheet HTML 33Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 34Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 35Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 36Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 37Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 38Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 39Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 40Page - NXP Semiconductors PCF85063AT/AY Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
aaa-005739
0
1
2
3
4
5
6
0
2
4
6
8
10
12
VDD (V)
IIDD
DD
IDD
(µA)
(µA)
(µA)
(1)
(1)
(1)
(2)
(2)
(2)
Tamb = 25 °C; fCLKOUT = 32 768 Hz.
1. 47 pF CLKOUT load.
2. 22 pF CLKOUT load.
aaa-005741
0
1
2
3
4
5
6
0
100
200
300
400
500
VDD (V)
IIDD
DD
IDD
(nA)
(nA)
(nA)
(1)
(2)
Tamb = 25 °C; CLKOUT disabled.
1. CL(itg) = 12.5 pF.
2. CL(itg) = 7 pF.
Figure 27. Typical IDD with respect to VDD
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
37 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com