Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85063ATT/AJ Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF85063ATT/AJ
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATT/AJ Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF85063ATT/AJ Datasheet HTML 25Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 26Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 27Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 28Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 29Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 30Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 31Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 32Page - NXP Semiconductors PCF85063ATT/AJ Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
8.2 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy.
A HIGH-to-LOW transition of the data line while the clock is HIGH is defined as the START condition - S.
A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition - P (see
Figure 19).
mbc622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
Figure 19. Definition of START and STOP conditions
8.3 System configuration
A device generating a message is a transmitter; a device receiving a message is a receiver. The device that
controls the message is the master; and the devices which are controlled by the master are the slaves (see
Figure 20).
mga807
SDA
SCL
CONTROLLER
TRANSMITTER/
RECEIVER
CONTROLLER
TRANSMITTER
TARGET
TRANSMITTER/
RECEIVER
TARGET
RECEIVER
CONTROLLER
TRANSMITTER/
RECEIVER
Figure 20. System configuration
8.4 Acknowledge
The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is
unlimited. Each byte of 8 bits is followed by an acknowledge cycle.
• A slave receiver, which is addressed, must generate an acknowledge after the reception of each byte
• Also a master receiver must generate an acknowledge after the reception of each byte that has been clocked
out of the slave transmitter
• The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the
SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times
must be considered)
• A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last
byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to
enable the master to generate a STOP condition
Acknowledgement on the I2C-bus is shown in Figure 21.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
29 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com