Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JEV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # JEV
Description  85oC Standard, High Temperature Reflow Soldering.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

JEV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  JEV Datasheet HTML 1Page - RUBYCON CORPORATION JEV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rated Voltage
(V)
16
25
35
6.3
10
Rated Voltage code
CE
V
50
H
jA
MARKING
Series
Lot No.
Capacitance
Rated voltage code
∗Voltage Code
Polarity of the terminals
AA
47
CJE
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
JEV
SERIES
JEV
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Characteristics
6.3
∼50V.DC
I
=0.01CV or 3
µA whichever is greater.
(After 2 minutes application of rated voltage)
6.3
10
16
25
35
50
0.35 0.26 0.20 0.16 0.14 0.12
φ6.3
×8,φ8∼φ10
φ4,φ5,φ6.3
×5.5 0.26 0.22 0.18 0.16 0.13 0.12
8
6.3
8
10
4
16
4
25
3
35
3
432222
50
Leakage Current
Dissipation Factor
Capacitance Change
Within
25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 2000 hrs at 85°C, the capacitors shall meet the following requirements.
85
oC Standard, High Temperature Reflow Soldering.
FEATURES
• Case Dia φ4 ∼ φ10mm
• High Temperature reflow soldering is available.
• Available for high density mounting.
Coefficient
60(50) 120
500
1k
10k
0.50
1.00
1.20
1.30
1.50
0.65
1.00
1.20
1.30
1.50
0.80
1.00
1.20
1.30
1.50
0.80
0.1
∼1 µF
2.2
∼4.7 µF
10
∼47 µF
100
∼1000 µF
1.00
1.10
1.15
1.20
When rated capacitance is over 1000
µF, tanδ shall be added 0.02 to the listed value with increase of every 1000 µF.
• RoHS compliance.
NEW
SPECIFICATIONS
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
PART NUMBER
JEV
Series
D
×L
Case Size
Rated Voltage
Option
Rated Capacitance
Capacitance Tolerance
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tan
δ)
Items
I=Leakage Current
(
µA)
C=Rated Capacitance(
µF)
V=Rated Voltage(V)
Rated Voltage
(V)
tan
δ
(20°C, 120Hz)
Rated Voltage
(V)
(120Hz)
Frequency
(Hz)
∗
-40
∼+85°C
20% (20°C, 120Hz)
+
-
+
-
Z(
-25°C) /Z(20°C)
Z(
-40°C) /Z(20°C)
=
<


Similar Description - JEV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
105oC Long Life, High Temperature Reflow Soldering.
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
Compatible with reflow soldering
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
Compatible with reflow soldering
logo
TOKO, Inc
SAZ73D TOKO-SAZ73D Datasheet
286Kb / 1P
Applicable to reflow soldering
logo
Murata Manufacturing Co...
GCQ1555C1HR68CB01 MURATA-GCQ1555C1HR68CB01 Datasheet
760Kb / 26P
Only Reflow Soldering
logo
PHOENIX CONTACT
1156904 PHOENIX-1156904 Datasheet
479Kb / 16P
SMD socket, Reflow soldering
1156905 PHOENIX-1156905 Datasheet
491Kb / 16P
SMD socket, Reflow soldering
1156891 PHOENIX-1156891 Datasheet
568Kb / 16P
SMD socket, Reflow soldering
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com