Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB110 Datasheet(PDF) 2 Page - Vaisala

Part # PTB110
Description  BAROCAP Barometer PTB110
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

PTB110 Datasheet(HTML) 2 Page - Vaisala

  PTB110 Datasheet HTML 1Page - Vaisala PTB110 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Measurement Performance
Pressure range (1 hPa = 1 mbar)
500 … 1 100 hPa
600 … 1100 hPa
800 … 1100 hPa
800 … 1060 hPa
600 … 1060 hPa
Resolution
0.1 hPa
Load resistance
10 000 Ω minimum
Load capacitance
47 nF maximum
Settling time to full accuracy after
startup
1 s
Response time to full accuracy after a
pressure step
500 ms
Acceleration sensitivity
Negligible
Accuracy
Linearity 1)
±0.25 hPa
Hysteresis 1)
±0.03 hPa
Repeatability 1)
±0.03 hPa
Pressure calibration uncertainty 2)
±0.15 hPa
Voltage calibration uncertainty
± 0.7 mV
Frequency calibration uncertainty
± 0.3 Hz
Accuracy at +20 °C (+68 °F) 3)
±0.3 hPa
Total Accuracy at
+15 … +25 °C (+59 … +77 °F)
±0.3 hPa
0 … +40 °C (+32 … +104 °F)
±0.6 hPa
−20 … +45 °C (−4 … +113 °F)
±1.0 hPa
−40 … +60 °C (−40 … +140 °F)
±1.5 hPa
Long-term stability
±0.1 hPa / year
1)
Defined as ±2 standard deviation limits of end-point non-linearity, hysteresis error, or repeatability
error.
2) Defined as ±2 standard deviation limits of inaccuracy of the working standard including traceability to
international standards.
3) Defined as the root sum of the squares (RSS) of end-point non-linearity, hysteresis error, repeatability
error, and calibration uncertainty at room temperature.
Operating Environment
Operating temperature
−40 … +60 °C (−40 … +140 °F)
Storage temperature
−40 … +60 °C (−40 … +140 °F)
Operating humidity
Non-condensing
EMC compliance
EN/IEC 61326-1, Electrical equipment
for measurement, control and
laboratory use - industrial
environment
Mechanical Specifications
IP rating
IP32
Dimensions (H × W × D)
97.3 × 68.4 × 28.1 mm
(3.83 × 2.69 × 1.10 in)
Weight
90 g (3.2 oz)
Materials
Housing cover
Plastic ABS/PC blend
Mounting plate
Aluminum
Inputs and Outputs
Supply voltage
10 … 30 VDC
Supply voltage control
With TTL-level (Transistor-
Transistor Logic) trigger
Supply voltage sensitivity
Negligible
Average power consumption
0.10 W at 12 V
Output voltage
0 … 2.5 VDC
0 … 5 VDC
Output frequency
500 … 1100 Hz
Pressure connector
M5 (10 … 32) internal thread
Pressure fitting
Barbed fitting for ⅛ in
Minimum pressure limit
0 hPa abs
Maximum pressure limit
2000 hPa abs
Electrical connector
A removable connector for 5 wires
(AWG 28 … 16)
Terminals
Pin 1: External triggering
Pin 2: Signal ground
Pin 3: Supply ground
Pin 4: Supply voltage
Pin 5: Voltage/Frequency output
Published by Vaisala | B210681EN-E © Vaisala 2018
All rights reserved. Any logos and/or product names are trademarks of
Vaisala or its individual partners. Any reproduction, transfer, distribution
or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to
change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com