Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC-2MTS-50 Datasheet(PDF) 3 Page - Mini-Circuits

Part # RC-2MTS-50
Description  Millimeter Wave Switch Matrix
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-50 Datasheet(HTML) 3 Page - Mini-Circuits

  RC-2MTS-50 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Millimeter Wave Switch Matrix
USB & ETHERNET CONTROLLED
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 3 OF 7
RC-2MTS-50
50Ω
DC to 50 GHz
Port Name
Connector Type
RF Switch A (J1, J2, J3 & J4)
2.4 mm female
RF Switch B (J1, J2, J3 & J4)
2.4 mm female
USB
USB type-B
Ethernet / LAN
RJ45
24V DC Input
2.1mm center positive DC socket
SWITCHING STATES (PER SWITCH)
CONNECTIONS
OUTLINE DIMENSIONS
(Inches)
mm
OUTLINE DRAWING (SH3109)
State 1
J1
J2
J3
J4
State 2
J1
J2
J3
J4
A
B
C
D
E
F
G
H
J
K
L
M
wt
6.00
4.50
2.25
0.64
0.64
1.16
3.05
0.81
0.28
3.50 0.375
6.75 grams
152.4 114.3
57.2
16.2
16.2
29.4
77.5
20.5
7.1 88.90
9.52 171.45
880



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com