Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-1SP2T-34 Datasheet(PDF) 2 Page - Mini-Circuits

Part # USB-1SP2T-34
Description  Solid State SP2T Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-1SP2T-34 Datasheet(HTML) 2 Page - Mini-Circuits

  USB-1SP2T-34 Datasheet HTML 1Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 2Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 3Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 4Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 5Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 6Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 7Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 8Page - Mini-Circuits USB-1SP2T-34 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Solid State SP2T Switch
USB
USB-1SP2T-34
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 2 OF 10
ELECTRICAL SPECIFICATIONS AT 0 TO 50°C
Parameter
Ports
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
-
-
0.1
30
GHz
Insertion Loss
COM to any active port
0.1 - 10
-
1.40
3.20
dB
10 - 18
-
2.80
4.30
18 - 26
-
3.50
5.30
26 - 30
-
4.40
6.00
Isolation
Between ports J1 & J2
0.1 - 10
50
70
-
dB
10 - 18
50
60
-
18 - 26
45
55
-
26 - 30
45
55
-
COM to any terminated port
(including disconnected
state)
0.1 - 10
50
60
-
10 - 18
50
65
-
18 - 26
45
55
-
26 - 30
45
55
-
Return Loss
COM port
(in all active states)
0.1 - 10
-
21
-
dB
10 - 18
-
15.5
-
18 - 26
-
14.5
-
26 - 30
-
12
-
Any port connected to COM
0.1 - 10
-
19
-
10 - 18
-
14.5
-
18 - 26
-
14
-
26 - 30
-
13
-
Any terminated port
0.1 - 10
-
19
-
10 - 18
-
16.5
-
18 - 26
-
13.5
-
26 - 30
-
12
-
Power Input @1 dB Compression 1 COM to any active port
0.1 - 30
-
27
-
dBm
IP3 2, 3
COM to any active port
0.5 - 30
-
50
-
dBm
Transition Time 4
-
-
-
5
20
ns
Minimum Dwell Time 5
High-speed mode
-
-
10
-
µs
Switching Time (USB) 6
-
-
-
2
-
ms
Supply Voltage (Vcc)
USB port
-
4.75
5
5.25
V
DC
Supply Current (Icc) 7
-
-
80
120
mA
Current Pass-through 8
-
-
-
-
500
mA
Operating RF Input Power 1
Between COM & active port
Hot switching
-
-
+18
dBm
Between COM & active port
Cold switching
-
-
+24
Into any termination
-
-
-
+24
1. Max power at hot switching derates linearly from +18 dBm @ 600 MHz to +17 dBm @100 MHz, at all other conditions it derates linearly from +24 dBm @ 600 MHz to +17 dBm @100 MHz.
2. IP3 may degrade below 500 MHz to about +45 dBm.
3. IP3 tested with 1 MHz span between signals, +8 dBm per tone.
4. Transition time spec represents the time that the RF signal paths are interrupted during switching and thus is specified without communication delays.
5. Minimum dwell time is the shortest time that can be achieved between 2 switch transitions when programming an automated switch sequence.
6. Switching time (USB) is the time from issuing a single software command via USB to the switch state changing. The most significant factor is the host PC, influenced by CPU load and
USB protocol. The time shown is an estimate for a medium CPU load and USB 2.0 connection.
7. USB current draw for a single unit with no slave units.
8. Pass through current is the maximum supply current handling of a unit with slave modules attached. If controlling a large number of slave modules additional power supplies should be
included to ensure this limit is not exceeded. See page 5 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com