Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBL-UC-UC-15GT Datasheet(PDF) 2 Page - CUI Devices

Part # CBL-UC-UC-15GT
Description  USB CABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CBL-UC-UC-15GT Datasheet(HTML) 2 Page - CUI Devices

  CBL-UC-UC-15GT Datasheet HTML 1Page - CUI Devices CBL-UC-UC-15GT Datasheet HTML 2Page - CUI Devices CBL-UC-UC-15GT Datasheet HTML 3Page - CUI Devices CBL-UC-UC-15GT Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | SERIES: CBL-UC-UC | DESCRIPTION: USB CABLE
date 08/05/2022 | page 2 of 4
cuidevices.com
Length ± 50
MECHANICAL DRAWING
ITEM
DESCRIPTION
1
cable (PVC version)
UL2725 (#28*1P+D+A)*1C+#30*2
C+AEB(16/6/0,10 65%) PVC; Black
OD=5.5±0.15 mm; 30 V (UL94VW-1)
1
cable (TPE version)
(#28*1P+D+A)*1C+#30*2C+AEB(16/6/0,10
65%) TPE; Black OD=5.5±0.15 mm; 30 V
(UL94V-0)
2
connector 1
USB 3.1 C; Color: Black; Contact: gold plat-
ed; Shell: Ni plated
3
connector 2
USB 3.1 C; Color: Black; Contact: gold plat-
ed; Shell: Ni plated
4
overmold
PVC 45P or TPE (UL94V-0)
units: mm
tolerance:
X≤30: ±1.5 mm
31<X≤100: ±2.0 mm
unless otherwise noted
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com