Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD2 Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # ELD2
Description  ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ELD2 Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet of ELD2 Series Drive
www.leadshine.com
1
ELD2 series DC Servo Drive
ELD2 low-voltage DC servo is a special motion control product designed for machines and applications that request a best
balance between outstanding and reasonable cost.
Combined with abundant features like MFC, vibration suppression, multi-mode filter function etc. It provide
machines a compact size, low tuning works.
Feature:
◆ Power range up to 2.5kW
◆ Current range up to 180Amp
◆ Easy tuning
◆ Simple, flexible to control
◆ Modbus RTU / CANopen
◆ PR-Mode
◆ Notch filter, damping filter
◆ 1000line / 2500line incremental encoder / 17bit Serial signal encoder
Technical Specification
Power & Environment
Drive model
ELD2-RS7005
ELD2-CAN7005
ELD2-RS7010
ELD2-CAN7010B
ELD2-RS7015B
ELD2-CAN7015B
ELD2-RS7020B
ELD2-CAN7020B
Size(mm)
118*79.5*25.5(RS)
140*79.5*25.5(CAN)
118*79.5*25.5(RS)
140*79.5*25.5(CAN)
175*101.5*33
175*101.5*33
Rated power(kW)
0.1
0.4
0.6
0.75
Rated output current(Arms)
5
10
15
20
Max output current(Apeak)
21.2
35 (RS)
42.5 (CAN)
45
80
Main power
Voltage(V)
DC24V-70
Current(A)
5Arms (≤48Vdc)
3.5Arms(>48Vdc)
10Arms (≤48Vdc)
7Arms(>48Vdc)
15Arms (≤48Vdc)
11Arms(>48Vdc)
20Arms (≤48Vdc)
14Arms(>48Vdc)
Auxiliary
power
Voltage(V)
——
Control power
Voltage(V)
DC12-24
Current(mA)
≥12
Control method
IGBT PWM sinusoidal Wave Drive
Overload
300%
Brake resistor
External connection
Safe function
——
Protection rank
IP20


Similar Part No. - ELD2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD205 EVERLIGHT-ELD205 Datasheet
328Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
ELD205 EVERLIGHT-ELD205 Datasheet
406Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
ELD205 EVERLIGHT-ELD205 Datasheet
870Kb / 12P
8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD205 EVERLIGHT-ELD205 Datasheet
885Kb / 12P
8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD205(TA) EVERLIGHT-ELD205(TA) Datasheet
328Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
More results

Similar Description - ELD2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-PN-S1 FESTO-CMMT-AS-C2-11A-P3-PN-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EC-S0 FESTO-CMMT-ST-C8-1C-EC-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
logo
Leadshine Technology Co...
2ELD2 LEADSHINE-2ELD2 Datasheet
684Kb / 7P
2ELD2 series DC Servo Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com