Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPS Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # RPS
Description  120/230VAC input, 24V/36V/48V/60V output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

RPS Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  RPS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 5Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Datasheet of the Regulated DC Power Supplies
Leadshine Motion Technology
3/F, Block 2, Nanyou Tianan Industrial Park, Nanshan District Shenzhen, China
Page 2 / 5
Tel: 86-755-26409254 Fax: 86-755-26402718 Website: http://www.leadshine.com
Features
l
Specifically designed to power stepping / servo drives
l
Internal EMI Filter
l
100% full load burn-in test
l
Output short circuit, over-current and over-voltage protection
Electrical Specifications
Model
RPS2410
RPS369
RPS488
RPS4810
RPS608
DC VOLTAGE
24V
36V
48V
48V
60V
RATED CURRENT
10A
9.7A
7.3 A
10.4A
8.5A
PEAK CURRENT
12A
11A
8.5A
12.5A
10.5A
RATED POWER
240W
350W
350W
500W
500W
PEAK POWER
300W
400W
400W
600W
600W
LINE REGULATION
± 0.5%
ADJ. RANGE
± 10%
RISE TIME
50ms/230VAC at full load
Output
HOLD TIME
20ms/230VAC at full load
VOLTAGE RANGE
176-265VAC or 85-132VAC, selected by switch
FREQUENCY RANGE
47-63Hz
INRUSH CURRENT
40A/30VAC, Cold Start
LEAKAGE CURRENT
<0.5mA/230VAC
Input
WITHSTAND VOLTAGE
Vin-Vout: 1500VAC/min, Vin-FG: 1500VAC/min, Vout-FG: 500VAC/min
N/A
59-66V
71-79V
71-79V
95-105V
OVER VOLTAGE
Protection Type: Output shunt down, need to turn off the input to reset.
110%-130%
110%-130%
110%-130%
110%-130%
110%-130%
Protection
OVER LOAD
Protection Type: Output shunt down, need to turn off the input to reset.
Dimension (mm)
199*110*50 215*115*50 215*115*50 261*103*65 261*103*65
Weight
800.4g
(28.23oz)
883.5g
(31.16oz)
883.5g
(31.16oz)
1127g
(39.75oz)
1127g
(39.75oz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com