Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3063M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MOC3063M
Description  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M Datasheet(HTML) 2 Page - ON Semiconductor

  MOC3063M Datasheet HTML 1Page - ON Semiconductor MOC3063M Datasheet HTML 2Page - ON Semiconductor MOC3063M Datasheet HTML 3Page - ON Semiconductor MOC3063M Datasheet HTML 4Page - ON Semiconductor MOC3063M Datasheet HTML 5Page - ON Semiconductor MOC3063M Datasheet HTML 6Page - ON Semiconductor MOC3063M Datasheet HTML 7Page - ON Semiconductor MOC3063M Datasheet HTML 8Page - ON Semiconductor MOC3063M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MOC3061M, MOC3062M, MOC3063M, MOC3162M, MOC3163M
www.onsemi.com
2
SAFETY AND INSULATION RATINGS (As per DIN EN/IEC 60747−5−5, this optocoupler is suitable for “safe electrical insulation”
only within the safety limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.)
Parameter
Characteristics
Installation Classifications per DIN VDE 0110/1.89 Table 1, For Rated Mains Voltage
<150 VRMS
I–IV
<300 VRMS
I–IV
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Comparative Tracking Index
175
Symbol
Parameter
Value
Unit
VPR
Input−to−Output Test Voltage, Method A, VIORM x 1.6 = VPR,
Type and Sample Test with tm = 10 s, Partial Discharge < 5 pC
1360
Vpeak
Input−to−Output Test Voltage, Method B, VIORM x 1.875 = VPR,
100% Production Test with tm = 1 s, Partial Discharge < 5 pC
1594
Vpeak
VIORM
Maximum Working Insulation Voltage
850
Vpeak
VIOTM
Highest Allowable Over−Voltage
6000
Vpeak
External Creepage
≥7
mm
External Clearance
≥7
mm
External Clearance (for Option TV, 0.4” Lead Spacing)
≥10
mm
DTI
Distance Through Insulation (Insulation Thickness)
≥0.5
mm
RIO
Insulation Resistance at TS, VIO = 500 V
>109
W
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Device
Value
Unit
TOTAL DEVICE
TSTG
Storage Temperature
All
−40 to +125
°C
TOPR
Operating Temperature
All
−40 to +85
°C
TJ
Junction Temperature Range
All
−40 to +100
°C
TSOL
Lead Solder Temperature
All
260 for
10 seconds
°C
PD
Total Device Power Dissipation at 25
°C Ambient
All
250
mW
Derate Above 25
°C
2.94
mW/
°C
EMITTER
IF
Continuous Forward Current
All
60
mA
VR
Reverse Voltage
All
6
V
PD
Total Power Dissipation at 25
°C Ambient
All
120
mW
Derate Above 25
°C
1.41
mW/
°C
DETECTOR
VDRM
Off−State Output Terminal Voltage
All
600
V
ITSM
Peak Non−Repetitive Surge Current (Single Cycle 60 Hz Sine Wave)
All
1
Apeak
ITM
Peak Repetitive On−State Current
All
100
mApeak
PD
Total Power Dissipation at 25
°C Ambient
All
150
mW
Derate Above 25
°C
1.76
mW/
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com