Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEC Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # IEC
Description  IEC CORDSETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

IEC Datasheet(HTML) 1 Page - Electronic Components Ltd.

  IEC Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
11/2021
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
IEC CORDSETS
BAC2549 - SCHUKO TO IEC LEAD RED 0.5m
BAC2559 - UK TO IEC LEAD RED 0.5m
BAC2560 - USA TO IEC LEAD RED 0.5m
BAC2621 - AUSTRALIAN TO IEC RED 0.5m
Rated 10A. 250VAC
Cable: H05VV-F 3G 1.0mm
2
Rated 10A. 250VAC
Cable: H05VV-F 3G 1.0mm
2
Rated 10A. 125VAC
Cable: H05VV-F 3G 1.0mm
2
Rated 10A. 250VAC
Cable: H05VV-F 3G 1.0mm
2


Similar Part No. - IEC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
IEC BULGINLIMITED-IEC Datasheet
1Mb / 25P
IEC Connectors
IEC BULGINLIMITED-IEC Datasheet
6Mb / 26P
IEC Connectors
logo
Multicomp Pro
IEC 60320 C7 MULTICOMP-IEC 60320 C7 Datasheet
147Kb / 1P
Power Cord - IEC 60320 C7 Receptacle to Free End
23/06/22 V1.0
logo
Europa PLC
IEC 60947-3 EUROPA-IEC 60947-3 Datasheet
303Kb / 1P
ISO125-3 (3 Pole) and ISO125-4 (4 pole) 125A Switch- Disconnector
logo
TE Connectivity Ltd
IEC 61810 TEC-IEC 61810 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results

Similar Description - IEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3-1393641-1 ETC2-3-1393641-1 Datasheet
30Kb / 1P
IEC Connectors
BZH11Z000011 ETC2-BZH11Z000011 Datasheet
68Kb / 2P
C14 IEC InletSheet F IEC Outlet - Horizontal
logo
Adam Technologies, Inc.
IEC-GS-1-150 ADAM-TECH-IEC-GS-1-150 Datasheet
96Kb / 1P
IEC CONNECTOR
logo
Glenair, Inc.
800-034 GLENAIR-800-034 Datasheet
133Kb / 1P
Overmolded Cordsets
logo
Lumberg
RKMV3-224-2M LUMBERG-RKMV3-224-2M Datasheet
1Mb / 2P
M8-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61976-2-104
RKMWV-3-224-5M LUMBERG-RKMWV-3-224-5M Datasheet
1Mb / 2P
M8-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61976-2-104
RKT-4-633-2M LUMBERG-RKT-4-633-2M Datasheet
2Mb / 2P
M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKT-5-612-2M LUMBERG-RKT-5-612-2M Datasheet
2Mb / 2P
M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKT5-612-5M LUMBERG-RKT5-612-5M Datasheet
2Mb / 2P
M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKWT4-633-5M LUMBERG-RKWT4-633-5M Datasheet
2Mb / 2P
M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com