Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL53E Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CPL53E
Description  pH sensor for laboratory measurements and random sampling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPL53E Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CPL53E Datasheet HTML 1Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 2Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 3Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 4Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 5Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 6Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 7Page - Endress+Hauser Group Services AG CPL53E Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Memosens CPL53E
2
Endress+Hauser
Function and system design
Measuring principle
pH measurement
The pH value is used as a unit of measurement for the acidity or alkalinity of a medium. The
membrane glass of the electrode delivers an electrochemical potential that depends on the pH value
of the medium. This potential is generated by the selective accumulation of H+ ions on the outer
layer of the membrane. As a result, an electrochemical boundary layer with an electrical potential
difference forms at this point. An integrated Ag/AgCl reference system serves as the required
reference electrode.
The measured voltage is converted to the corresponding pH value using the Nernst equation.
Measuring system
1
2
3
A0047843
 1
Measuring system
1
Transmitter CML18
2
Smartphone with Smartblue app (optional)
3
Memosens CPL53E
Communication and data
processing
Communication with the handheld device
Always connect digital laboratory sensors with Memosens technology to a handheld device
with Memosens technology, e.g. CML18.
Digital laboratory sensors can store measuring system data in the sensor, including:
• Manufacturer data
• Serial number
• Order code
• Date of manufacture
• Calibration data
• Calibration date
• Number of calibrations
• Serial number of the handheld device used to perform the last calibration or adjustment
• Application data
• Temperature application range
• pH application range
• Date of initial commissioning
Input
Measured variable
pH value
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com