Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYA112 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 2Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 3Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 4Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 5Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 6Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 7Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 8Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Flexdip CYA112
6
Endress+Hauser
Quick fastener (optional)
The quick fastener enables:
• Quick and easy installation and replacement of Memosens sensors with an inductive plug-in
connection. When using sensors with a fixed cable connection, it is not necessary to untwist the
connecting cables.
• The alignment of the installed sensors
The quick fastener is installed between the sensor and the assembly.
3
4
1
2
A0037930
 8
Quick fastener
1
Immersion tube
2
Sensor adapter G 1"
3
Quick fastener
4
Sensor adapter Pg 13.5
Examples
Immersion tube, standard
1
2
3
A0010873
 9
CYA112, angled with sensor adapter G 1"
1
Stainless steel immersion tube 600 mm (23.6 in)
2
Stainless steel 45° connecting pipe
3
Sensor adapter G 1"
1
2
A0037941
 10
CYA112, straight with sensor adapter G 1"
1
PVC immersion tube 600 mm (23.6 in)
2
Sensor adapter G 1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com