Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE441 Datasheet(PDF) 5 Page - E+E Elektronik Ges.m.b.H

Part # EE441
Description  Strap-on Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE441 Datasheet(HTML) 5 Page - E+E Elektronik Ges.m.b.H

  EE441 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Datasheet EE441
v1.7 / Modification rights reserved | 5
Technical Data
Output
T Sensor
Sensor connection
2-wire connection
Measuring current, typ.
<1 mA (according to technical data of the specific T sensing element)
General
Insulation resistance
>100 MΩ at 20 °C (68 °F)
Response time t63
<1 min
Electrical connection
Screw terminal, max. 2.5 mm2 (AWG14)
Cable glands
M16x1.5 / UL94 V-2
Humidity working range
5…95 %RH, non-condensing
Temperature working range
-40 °C…+110 °C (-40...+230 °F)
Storage conditions
-30…+70 °C (-22...+158 °F)
5…95 %RH, non-condensing
Hose clamp material
Stainless steel (corr. 1.4301 / 304)
Enclosure
Material
Protection rating
Polycarbonate (PC), UL94 V-0 approved
IP65 / NEMA 4X
Measurands
Temperature (T)
Measuring range
-40 °C…+110 °C (-40...+230 °F)
Sensor type
Nominal resistance
Sensitivity
Standard
Pt100 DIN B
R0: 100 Ω
TC: 3.850 x 10-3/°C
DIN EN 60751
Pt1000 DIN B
R0: 1 000 Ω
TC: 3.850 x 10-3/°C
DIN EN 60751
Ni1000 TK5000 DIN B
R0: 1 000 Ω
TC: 5 000 ppm/K
DIN 43760
Ni1000 TK6180 DIN B
R0: 1 000 Ω
TC: 6 180 ppm/K
DIN 43760



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com